Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBPC810W Fiches technique(PDF) 2 Page - RFE international

No de pièce KBPC810W
Description  Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFE [RFE international]
Site Internet  http://www.rfeinc.com
Logo RFE - RFE international

KBPC810W Fiches technique(HTML) 2 Page - RFE international

  KBPC810W Datasheet HTML 1Page - RFE international KBPC810W Datasheet HTML 2Page - RFE international KBPC810W Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FIG1:Io-Ta Curve
Ambient Temperature(°C)
50
100
150
0
8
4
0
FIG2:Surge Forward Current Capability
Number of Cycles
1
5
0
0
1
0
1
0
5
0
2
2
0
150
50
100
Half-sine Wave
non-repetitive
Ta=25
0.1
FIG3:Instantaneous Forward Voltage
Ta=25
Instantaneous Forward Voltage (V)
0.6
0.8
1.0
1.2
1.4
0.4
0.5
1.0
10
0.2
20
60
5.0
0
20
40
60
80
100
0.1
1
10
100
1000
Percent Rated Peak Reverse Voltage(%)
Tj=125
Tj=25
FIG4:Typical Reverse Characteristics
`
Bridge Rectifiers
KBPC8005(W) Through KBPC810(W)
KBPC,KBPC-W
12-19-2022
Page 2 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
CHARACTERISTICS (TYPICAL)



Html Pages

1 2 3