| Moteur de recherche de fiches techniques de composants électroniques |
|
KBPC25005W Fiches technique(PDF) 1 Page - RFE international |
|
|
|||||||||||||||||||||||||||||
KBPC25005W Fiches technique(HTML) 1 Page - RFE international |
|
1 / 3 page ![]() ● UL recognition file number E230084 ● Universal 3-way terminals: snap-on, wire wrap-around, or PCB mounting ● High surge current capability ● Low thermal resistance ● Solder dip 275 °C max. 7 s, per JESD 22-B106 General purpose use in AC/DC bridge full wave rectification for power supply, home appliances, office equipment, industrial automation applications. ●Package : KBPC, KBPC-W Molding compound meets UL 94 V-0 flammability rating,RoHS- compliant ●Terminals : Tin plated leads, solderable per J-STD-002 and JESD22-B102 Suffix letter “W” added to indicate wire leads(e.g. KBPC2510W PARAMETER SYMBOL UNIT KBPC25 005 KBPC25 01 KBPC25 02 KBPC25 04 KBPC25 06 KBPC25 08 KBPC25 10 Device marking code KBPC25005 KBPC2501 KBPC2502 KBPC2504 KBPC2506 KBPC2508 KBPC2510 Repetitive Peak Reverse Voltage VRRM V 50 100 200 400 600 800 1000 Average Rectified Output Current @60Hz sine Wave, R-load, With heatsink, Tc=55 IO A 25 Surge(Non-repetitive)Forward Current @60Hz Half- sine Wave, 1 cycle, Ta=25 IFSM A 400 Current Squared Time @1ms≤t≤8.3ms Tj=25 , Rating of per diode I2t A2S 660 Storage Temperature Tstg -55 ~+150 Junction Temperature Tj -55 ~+150 Dielectric Strength, Terminals to case, AC 1 minute Vdis KV 2.5 Mounting Torque TOR kg·cm 10 PARAMETER SYMBOL UNIT TEST CONDITIONS KBPC25 005 KBPC25 01 KBPC25 02 KBPC25 04 KBPC25 06 KBPC25 08 KBPC25 10 Maximum instantaneous forward voltage drop per diode VFM V IFM=12.5A 1.1 Maximum DC reverse current at rated DC blocking voltage per diode IRRM μA VRM=VRRM 10 PARAMETER SYMBOL UNIT KBPC25 005 KBPC25 01 KBPC25 02 KBPC25 04 KBPC25 06 KBPC25 08 KBPC25 10 Thermal Resistance Between junction and case, With heatsink Rθ J-C /W 2.2 ~ + - ~ + + - ~ ~ ~ - ~ Bridge Rectifiers KBPC25005(W) Through KBPC2510(W) KBPC,KBPC-W FEATURES TYPICAL APPLICATIONS MECHANICAL DATA MAXIMUM RATINGS (Ta=25 Unless otherwise specified ELECTRICAL CHARACTERISTICS THERMAL CHARACTERISTICS (Ta=25 Unless otherwise specified (Ta=25 Unless otherwise specified 12-19-2022 Page 1 of 3 RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com |
Numéro de pièce similaire - KBPC25005W |
|
Description similaire - KBPC25005W |