Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M49000000S Fiches technique(PDF) 5 Page - Advanced Micro Devices

No de pièce M49000000S
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

M49000000S Fiches technique(HTML) 5 Page - Advanced Micro Devices

  M49000000S Datasheet HTML 1Page - Advanced Micro Devices M49000000S Datasheet HTML 2Page - Advanced Micro Devices M49000000S Datasheet HTML 3Page - Advanced Micro Devices M49000000S Datasheet HTML 4Page - Advanced Micro Devices M49000000S Datasheet HTML 5Page - Advanced Micro Devices M49000000S Datasheet HTML 6Page - Advanced Micro Devices M49000000S Datasheet HTML 7Page - Advanced Micro Devices M49000000S Datasheet HTML 8Page - Advanced Micro Devices M49000000S Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
4
Am49DL32xBG
July 19, 2002
P R E L I M I NARY
Package Pin Capacitance . . . . . . . . . . . . . . . . . . 59
Flash Data Retention . . . . . . . . . . . . . . . . . . . . . . 59
pSRAM Data Retention . . . . . . . . . . . . . . . . . . . . . 60
pSRAM Power on and Deep Power Down . . . . . 60
Figure 33. Deep Power-down Timing.............................................. 60
Figure 34. Power-on Timing............................................................ 60
pSRAM Address Skew . . . . . . . . . . . . . . . . . . . . . 61
Figure 35. Read Address Skew ..................................................... 61
Figure 36. Write Address Skew...................................................... 61
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 62
FLB073—73-Ball Fine-Pitch Grid Array 8 x 11.6 mm ............. 62
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64