Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV320ML112REF Fiches technique(PDF) 47 Page - Advanced Micro Devices

No de pièce AM29LV320ML112REF
Description  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320ML112REF Fiches technique(HTML) 47 Page - Advanced Micro Devices

Back Button AM29LV320ML112REF Datasheet HTML 43Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 44Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 45Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 46Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 47Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 48Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 49Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 50Page - Advanced Micro Devices AM29LV320ML112REF Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
January 31, 2007 26517B4
Am29LV320MH/L
45
D A TA
SH EET
AC CHARACTERISTICS
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
RY/BY#
tRB
tBUSY
Notes:
1. SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”.
2. Illustration shows device in word mode.
Figure 19.
Chip/Sector Erase Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59