| Moteur de recherche de fiches techniques de composants électroniques |
|
M500000013 Fiches technique(PDF) 47 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
M500000013 Fiches technique(HTML) 47 Page - SPANSION |
|
47 / 70 page ![]() 46 Am50DL9608G May 19, 2003 P R E L I M I NARY PSEUDO SRAM DC AND OPERATING CHARACTERISTICS Notes: 1. T A= –40 ° to 85°C, otherwise specified. 2. Overshoot: V CC+1.0V if pulse width ≤ 20 ns. 3. Undershoot: –1.0V if pulse width ≤ 20 ns. 4. Overshoot and undershoot are sampled, not 100% tested. 5. Stable power supply required 200 µs before device operation. Figure 12. Standby Current ISB CMOS Note: 1. At 70 °, for reference only 2. Not 100% tested 3. Sample Size of 5 Parameter Symbol Parameter Description Test Conditions Min Typ Max Unit I LI Input Leakage Current V IN = VSS to VCC –1.0 1.0 µA I LO Output Leakage Current CE1#s = V IH, CE2s = VIL or OE# = V IH or WE# = VIL, VIO= VSS to VCC –1.0 1.0 µA I CC1s Average Operating Current Cycle time = 1 µs, 100% duty, I IO = 0 mA, CE1#s ≤ 0.2 V, CE2 ≥ V CC – 0.2 V, VIN ≤ 0.2 V or V IN ≥ VCC – 0.2 V 35 mA I CC2s Average Operating Current Cycle time = Min., I IO = 0 mA, 100% duty, CE1#s = V IL, CE2s = V IH, VIN = VIL = or VIH 12 25 mA V IL Input Low Voltage –0.2 (Note 3) 0.4 V V IH Input High Voltage 2.2 V CC+0.2 (Note 2) V V OL Output Low Voltage I OL = 2.0 mA 0.4 V V OH Output High Voltage I OH = –1.0 mA 2.2 V I SB Standby Current (TTL) CE1#s = V IH, CE2 = VIL, Other inputs = V IH or VIL 0.3 mA I SB1 Standby Current (CMOS) CE1#s =V IH, CE2= VIL: Other inputs = V IH or VIL: t A = 85°C, VCC = 3.0 V 60 µA I SB2 Standby Current (CMOS) CE1#s =V IH, CE2= VIL: Other inputs = V IH or VIL: t A = 85°C, VCC = 3.3 V 85 µA 55 50 45 40 2.7 2.8 2.9 I SB CM O S (µA) V CC |