| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29BDS128HE9VFI Fiches technique(PDF) 13 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29BDS128HE9VFI Fiches technique(HTML) 13 Page - Advanced Micro Devices |
|
13 / 89 page ![]() May 10, 2006 27024B3 Am29BDS128H/Am29BDS640H 11 D A TA SH EE T DEVICE BUS OPERATIONS This section describes the requirements and use of the device bus operations, which are initiated through the internal command register. The command register itself does not occupy any addressable memory loca- tion. The register is composed of latches that store the commands, along with the address and data informa- tion needed to execute the command. The contents of the register serve as inputs to the internal state machine. The state machine outputs dictate the func- tion of the device. Table 1 lists the device bus opera- tions, the inputs and control levels they require, and the resulting output. The following subsections describe each of these operations in further detail. Table 1. Device Bus Operations Legend: L = Logic 0, H = Logic 1, X = Don’t Care, S = Stable Logic 0 or 1 but no transitions. Note: Default active edge of CLK is the rising edge. Requirements for Asynchronous Read Operation (Non-Burst) To read data from the memory array, the system must first assert a valid address on Amax–A0, while driving AVD# and CE# to VIL. WE# should remain at VIH. The rising edge of AVD# latches the address. The data will appear on DQ15–DQ0. Since the memory array is divided into four banks, each bank remains enabled for read access until the command register contents are altered. Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable access time (tCE) is the delay from the stable addresses and stable CE# to valid data at the outputs. The output enable access time (tOE) is the delay from the falling edge of OE# to valid data at the output. The internal state machine is set for reading array data in asynchronous mode upon device power-up, or after a hardware reset. This ensures that no spurious alter- ation of the memory content occurs during the power transition. Requirements for Synchronous (Burst) Read Operation The device is capable of continuous sequential burst operation and linear burst operation of a preset length. When the device first powers up, it is enabled for asyn- chronous read operation. Prior to entering burst mode, the system should deter- mine how many wait states are desired for the initial word (tIACC) of each burst access, what mode of burst operation is desired, which edge of the clock will be the Operation CE# OE# WE# Amax–0 DQ15–0 RESET# CLK (See Note) AVD# Asynchronous Read - Addresses Latched L L H Addr In I/O H X Asynchronous Read - Addresses Steady State L L H Addr In I/O H X L Asynchronous Write L H L Addr In I/O H X L Synchronous Write L H L Addr In I/O H Standby (CE#) H X X HIGH Z HIGH Z H X X Hardware Reset X X X HIGH Z HIGH Z L X X Burst Read Operations Load Starting Burst Address L X H Addr In X H Advance Burst to next address with appropriate Data presented on the Data Bus LL H HIGH Z Burst Data Out HH Terminate current Burst read cycle H X H HIGH Z HIGH Z H X Terminate current Burst read cycle via RESET# X X H HIGH Z HIGH Z L X X Terminate current Burst read cycle and start new Burst read cycle L X H HIGH Z I/O H |