| Moteur de recherche de fiches techniques de composants électroniques |
|
L033MU01VI Fiches technique(PDF) 59 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
L033MU01VI Fiches technique(HTML) 59 Page - SPANSION |
|
59 / 61 page ![]() September 12, 2006 Am29LV033MU 57 DA TA SH EET REVISION SUMMARY Revision A (June 20, 2002) Initial release. Revision A+1 (September 3, 2002) MIRRORBIT 64 MBIT Device Family Added 64 Fortified BGA to LV640MU device. Alternate CE# Controlled Erase and Program Operations Added tRH parameter to table. Erase and Program Operations Added t BUSY parameter to table. Figure 16. Program Operation Timings Added RY/BY# to waveform. TSOP and BGA PIN Capacitance Added the FBGA package. Program Suspend/Program Resume Command Sequence Changed 15 μs typical to maximum and added 5 μs typical. Erase Suspend/Erase Resume Commands Changed typical from 20 μs to 5 μs and added a maxi- mum of 20 μs. Product Selector Guide Added Note 2. Added 101R, 112R, and 120R to Speed Options. Connection Diagrams Changed pin 30 from the 40-pin standard TSOP and pin 11 from the 40-pin reverse TSOP from V CC to VIO. Ordering Information Added 101R, 112R, and 120R to Valid Combinations Table. Added Note 1. Replaced 48-Pin Reverse and Standard Pinout Pack- age to 40-Pin Reverse and Standard Pinout Package. Read-Only Operations, Alternate CE# Controlled Erase and Program Operations, and Erase and Program Operations Added 101R, 112R, and 120R to Speed Options. Physical Dimensions Replaced TS 048 and TSR048 Package drawing to TS 040 and TSR040 Package drawing. Revision A+2 (November 11, 2002) Product Selector Guide and Read Only Operations Added a 30 ns Page Access time and Output Enable Access time to the 113R and 123R Speed Options. Ordering Information and Physical Dimensions Removed FBD048 package. Added FBC048 package. Changed order numbers and package markings to re- flect new package. Customer Lockable: SecSi Sector NOT Programmed or Protected at the factory. Added second bullet, SecSi sector-protect verify text and figure 3. SecSi Sector Flash Memory Region, and Enter SecSi Sector/Exit SecSi Sector Command Sequence Noted that the ACC function and unlock bypass modes are not available when the SecSi sector is enabled. Byte/Word Program Command Sequence, Sector Erase Command Sequence, and Chip Erase Command Sequence Noted that the SecSi Sector, autoselect, and CFI functions are unavailable when a program or erase operation is in progress. Common Flash Memory Interface (CFI) Changed wording in last sentence of third paragraph from, “...the autoselect mode.” to “...reading array data.” Changed CFI website address. Erase and Programming Performance Changed the typicals and/or maximums of the Chip Erase Time, Effective Write Buffer Program Time, Byte/Word Program Time, and Accelerated Effective Program Time to TBD. Revision A+3 (December 5, 2002) Ordering Information Modified package markings. CMOS Compatible Changed VIH1 and VIH2 minimum to 1.9. Removed typos in notes. Revision A+4 (April 7, 2003) Distinctive Characteristics Corrected typos in performance characteristics. |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |