Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M500000008 Fiches technique(PDF) 5 Page - Advanced Micro Devices

No de pièce M500000008
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

M500000008 Fiches technique(HTML) 5 Page - Advanced Micro Devices

  M500000008 Datasheet HTML 1Page - Advanced Micro Devices M500000008 Datasheet HTML 2Page - Advanced Micro Devices M500000008 Datasheet HTML 3Page - Advanced Micro Devices M500000008 Datasheet HTML 4Page - Advanced Micro Devices M500000008 Datasheet HTML 5Page - Advanced Micro Devices M500000008 Datasheet HTML 6Page - Advanced Micro Devices M500000008 Datasheet HTML 7Page - Advanced Micro Devices M500000008 Datasheet HTML 8Page - Advanced Micro Devices M500000008 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
4
Am50DL128CG
November 7, 2002
P R E L I M I NARY
pSRAM Data Retention . . . . . . . . . . . . . . . . . . . . . 58
pSRAM Power on and Deep Power Down . . . . . 58
Figure 32. Deep Power-down Timing.............................................. 58
Figure 33. Power-on Timing............................................................ 58
pSRAM Address Skew . . . . . . . . . . . . . . . . . . . . . 59
Figure 34. Read Address Skew ...................................................... 59
Figure 35. Write Address Skew...................................................... 59
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 60
FTA088—88-Ball Fine-Pitch Grid Array 11.6 x 8 mm ............. 60
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63