Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD640G73UI Fiches technique(PDF) 6 Page - Advanced Micro Devices

No de pièce PD640G73UI
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

PD640G73UI Fiches technique(HTML) 6 Page - Advanced Micro Devices

Back Button PD640G73UI Datasheet HTML 2Page - Advanced Micro Devices PD640G73UI Datasheet HTML 3Page - Advanced Micro Devices PD640G73UI Datasheet HTML 4Page - Advanced Micro Devices PD640G73UI Datasheet HTML 5Page - Advanced Micro Devices PD640G73UI Datasheet HTML 6Page - Advanced Micro Devices PD640G73UI Datasheet HTML 7Page - Advanced Micro Devices PD640G73UI Datasheet HTML 8Page - Advanced Micro Devices PD640G73UI Datasheet HTML 9Page - Advanced Micro Devices PD640G73UI Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
4
Am29PDL640G
December 13, 2005
D A TA SH EE T
Hardware Reset (RESET#) .................................................... 45
Figure 14. Reset Timings ................................................................ 45
Erase and Program Operations .............................................. 46
Figure 15. Program Operation Timings........................................... 47
Figure 16. Accelerated Program Timing Diagram........................... 47
Figure 17. Chip/Sector Erase Operation Timings ........................... 48
Figure 18. Back-to-back Read/Write Cycle Timings ....................... 49
Figure 19. Data# Polling Timings (During Embedded Algorithms).. 49
Figure 20. Toggle Bit Timings (During Embedded Algorithms)....... 50
Figure 21. DQ2 vs. DQ6.................................................................. 50
Temporary Sector Unprotect .................................................. 51
Figure 22. Temporary Sector Unprotect Timing Diagram ............... 51
Figure 23. Sector/Sector Block Protect and
Unprotect Timing Diagram .............................................................. 52
Alternate CE# Controlled Erase and Program Operations ..... 53
Figure 24. Alternate CE# Controlled Write (Erase/Program)
Operation Timings.......................................................................... 54
Erase And Programming Performance. . . . . . . . 55
Latchup Characteristics . . . . . . . . . . . . . . . . . . . . 55
BGA Ball Capacitance . . . . . . . . . . . . . . . . . . . . . 55
Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 56
FBE080—80-Ball Fine-pitch Ball Grid Array
12 x 11 mm package .............................................................. 56
FBE063—63-Ball Fine-pitch Ball Grid Array
12 x 11 mm package .............................................................. 57
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61