Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29DL320GT40PCIN Fiches technique(PDF) 9 Page - Advanced Micro Devices

No de pièce AM29DL320GT40PCIN
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL320GT40PCIN Fiches technique(HTML) 9 Page - Advanced Micro Devices

Back Button AM29DL320GT40PCIN Datasheet HTML 5Page - Advanced Micro Devices AM29DL320GT40PCIN Datasheet HTML 6Page - Advanced Micro Devices AM29DL320GT40PCIN Datasheet HTML 7Page - Advanced Micro Devices AM29DL320GT40PCIN Datasheet HTML 8Page - Advanced Micro Devices AM29DL320GT40PCIN Datasheet HTML 9Page - Advanced Micro Devices AM29DL320GT40PCIN Datasheet HTML 10Page - Advanced Micro Devices AM29DL320GT40PCIN Datasheet HTML 11Page - Advanced Micro Devices AM29DL320GT40PCIN Datasheet HTML 12Page - Advanced Micro Devices AM29DL320GT40PCIN Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
Am29DL320G
7
PIN DESCRIPTION
A20–A0
= 21 Addresses
DQ14–DQ0 = 15 Data Inputs/Outputs
DQ15/A-1
= DQ15 (Data Input/Output, word
mode), A-1 (LSB Address Input, byte
mode)
CE#
= Chip Enable
OE#
= Output Enable
WE#
= Write Enable
WP#/ACC
= Hardware Write Protect/
Acceleration Pin
RESET#
= Hardware Reset Pin, Active Low
BYTE#
= Selects 8-bit or 16-bit mode
RY/BY#
= Ready/Busy Output
V
CC
= 3.0 volt-only single power supply
(see Product Selector Guide for speed
options and voltage supply tolerances)
V
SS
= Device Ground
NC
= Pin Not Connected Internally
LOGIC SYMBOL
21
16 or 8
DQ15–DQ0
(A-1)
A20–A0
CE#
OE#
WE#
RESET#
BYTE#
RY/BY#
WP#/ACC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58