| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA3200AIP3AP Fiches technique(PDF) 22 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200AIP3AP Fiches technique(HTML) 22 Page - Advanced Micro Devices |
|
22 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 22 AMD Athlon™ 64 Processor The notes for this table appear on page 29 Parameter/OPN Notes Model Number CPUID 8000_0001h EBX [11:6] (BrandID) 1 CPUID 8000_0001h EAX [31:0] (CPUID) 1 FID/VID Status MaxFID Field 2 FID/VID Status StartFID Field 2 L2 Cache Size Max HyperTransport™ Frequency Max P-State FID/VID Status MaxVID Field 2, 6 FID/VID Status StartVID Field 2, 6 VID Code VID_VDD 3 Thermal Design Power 4 Intermediate P-State #1 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #2 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #3 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #4 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #5 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #6 5 VID Code / VID_VDD 3 Thermal Design Power 4 Min P-State VID Code / VID_VDD 3 Thermal Design Power 4 1.350 V 1.400 V 06h 04h 08h 06h 12h 1.100 V 35.0 W 1.250 V N/A 59.6 W N/A N/A 512 KB 1000 MHz 2400 MHz 10h 04h 00020FF0h 10h 0Ch 2200 MHz 08h 1.350 V 85.3 W 83.0 W 2000 MHz 0Ah 1.300 V ADA3800DAA4BP 3800+ 1800 MHz 70.6 W 1000 MHz 08h 06h |