Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA3200DEP3AP Fiches technique(PDF) 80 Page - Advanced Micro Devices

No de pièce ADA3200DEP3AP
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DEP3AP Fiches technique(HTML) 80 Page - Advanced Micro Devices

Back Button ADA3200DEP3AP Datasheet HTML 76Page - Advanced Micro Devices ADA3200DEP3AP Datasheet HTML 77Page - Advanced Micro Devices ADA3200DEP3AP Datasheet HTML 78Page - Advanced Micro Devices ADA3200DEP3AP Datasheet HTML 79Page - Advanced Micro Devices ADA3200DEP3AP Datasheet HTML 80Page - Advanced Micro Devices ADA3200DEP3AP Datasheet HTML 81Page - Advanced Micro Devices ADA3200DEP3AP Datasheet HTML 82Page - Advanced Micro Devices ADA3200DEP3AP Datasheet HTML 83Page - Advanced Micro Devices ADA3200DEP3AP Datasheet HTML 84Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
80
AMD Turion™ 64 Mobile Technology
4.3 AMD Turion™ 64 Mobile Technology Thermal/Power Specifications
Table 36 on page 81 contains the power and thermal specifications for this processor family. Each
column in the thermal/power specification tables represents a specific Ordering Part Number (OPN).
Section 4.1 on page 75 provides an example of the OPN structure for this processor family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95