Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9949 Fiches technique(PDF) 13 Page - Analog Devices

No de pièce AD9949
Description  12-Bit CCD Signal Processor with Precision Timing Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9949 Fiches technique(HTML) 13 Page - Analog Devices

Back Button AD9949 Datasheet HTML 9Page - Analog Devices AD9949 Datasheet HTML 10Page - Analog Devices AD9949 Datasheet HTML 11Page - Analog Devices AD9949 Datasheet HTML 12Page - Analog Devices AD9949 Datasheet HTML 13Page - Analog Devices AD9949 Datasheet HTML 14Page - Analog Devices AD9949 Datasheet HTML 15Page - Analog Devices AD9949 Datasheet HTML 16Page - Analog Devices AD9949 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AD9949
Rev. B | Page 13 of 36
COMPLETE REGISTER LISTING
1.
All addresses and default values are expressed in
hexadecimal.
2.
All registers are VD/HD updated as shown in Figure 14,
except for the registers indicated in Table 7, which are SL
updated.
Table 7. SL Updated Registers
Register
Description
OPRMODE
AFE Operation Modes
CTLMODE
AFE Control Modes
SW_RESET
Software Reset Bit
TGCORE _RSTB
Reset Bar Signal for Internal TG Core
PREVENTUPDATE
Prevents Update of Registers
VDHDEDGE
VD/HD Active Edge
FIELDVAL
Resets Internal Field Pulse
HBLKRETIME
Retimes the HBLK to Internal Clock
CLPBLKOUT
CLP/BLK Output Pin Select
CLPBLKEN
Enables CLP/BLK Output Pin
H1CONTROL
H1/H2 Polarity/Edge Control
RGCONTROL
RG Polarity/Edge Control
DRVCONTROL
RG and H1 to H4 Drive Current
SAMPCONTROL
SHP/SHD Sampling Edge Control
DOUTPHASE
Data Output Phase Adjustment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36