| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV640MB110RPCF Fiches technique(PDF) 17 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV640MB110RPCF Fiches technique(HTML) 17 Page - Advanced Micro Devices |
|
17 / 66 page ![]() February 1, 2007 26190C8 Am29LV640MT/B 15 D A TA SH EET SA82 1010010xxx 64/32 520000h–52FFFFh 290000h–297FFFh SA83 1010011xxx 64/32 530000h–53FFFFh 298000h–29FFFFh SA84 1010100xxx 64/32 540000h–54FFFFh 2A0000h–2A7FFFh SA85 1010101xxx 64/32 550000h–55FFFFh 2A8000h–2AFFFFh SA86 1010110xxx 64/32 560000h–56FFFFh 2B0000h–2B7FFFh SA87 1010111xxx 64/32 570000h–57FFFFh 2B8000h–2BFFFFh SA88 1011000xxx 64/32 580000h–58FFFFh 2C0000h–2C7FFFh SA89 1011001xxx 64/32 590000h–59FFFFh 2C8000h–2CFFFFh SA90 1011010xxx 64/32 5A0000h–5AFFFFh 2D0000h–2D7FFFh SA91 1011011xxx 64/32 5B0000h–5BFFFFh 2D8000h–2DFFFFh SA92 1011100xxx 64/32 5C0000h–5CFFFFh 2E0000h–2E7FFFh SA93 1011101xxx 64/32 5D0000h–5DFFFFh 2E8000h–2EFFFFh SA94 1011110xxx 64/32 5E0000h–5EFFFFh 2F0000h–2FFFFFh SA95 1011111xxx 64/32 5F0000h–5FFFFFh 2F8000h–2FFFFFh SA96 1100000xxx 64/32 600000h–60FFFFh 300000h–307FFFh SA97 1100001xxx 64/32 610000h–61FFFFh 308000h–30FFFFh SA98 1100010xxx 64/32 620000h–62FFFFh 310000h–317FFFh SA99 1100011xxx 64/32 630000h–63FFFFh 318000h–31FFFFh SA100 1100100xxx 64/32 640000h–64FFFFh 320000h–327FFFh SA101 1100101xxx 64/32 650000h–65FFFFh 328000h–32FFFFh SA102 1100110xxx 64/32 660000h–66FFFFh 330000h–337FFFh SA103 1100111xxx 64/32 670000h–67FFFFh 338000h–33FFFFh SA104 1101000xxx 64/32 680000h–68FFFFh 340000h–347FFFh SA105 1101001xxx 64/32 690000h–69FFFFh 348000h–34FFFFh SA106 1101010xxx 64/32 6A0000h–6AFFFFh 350000h–357FFFh SA107 1101011xxx 64/32 6B0000h–6BFFFFh 358000h–35FFFFh SA108 1101100xxx 64/32 6C0000h–6CFFFFh 360000h–367FFFh SA109 1101101xxx 64/32 6D0000h–6DFFFFh 368000h–36FFFFh SA110 1101110xxx 64/32 6E0000h–6EFFFFh 370000h–377FFFh SA111 1101111xxx 64/32 6F0000h–6FFFFFh 378000h–37FFFFh SA112 1110000xxx 64/32 700000h–70FFFFh 380000h–387FFFh SA113 1110001xxx 64/32 710000h–71FFFFh 388000h–38FFFFh SA114 1110010xxx 64/32 720000h–72FFFFh 390000h–397FFFh SA115 1110011xxx 64/32 730000h–73FFFFh 398000h–39FFFFh SA116 1110100xxx 64/32 740000h–74FFFFh 3A0000h–3A7FFFh SA117 1110101xxx 64/32 750000h–75FFFFh 3A8000h–3AFFFFh SA118 1110110xxx 64/32 760000h–76FFFFh 3B0000h–3B7FFFh SA119 1110111xxx 64/32 770000h–77FFFFh 3B8000h–3BFFFFh SA120 1111000xxx 64/32 780000h–78FFFFh 3C0000h–3C7FFFh SA121 1111001xxx 64/32 790000h–79FFFFh 3C8000h–3CFFFFh SA122 1111010xxx 64/32 7A0000h–7AFFFFh 3D0000h–3D7FFFh SA123 1111011xxx 64/32 7B0000h–7BFFFFh 3D8000h–3DFFFFh SA124 1111100xxx 64/32 7C0000h–7CFFFFh 3E0000h–3E7FFFh SA125 1111101xxx 64/32 7D0000h–7DFFFFh 3E8000h–3EFFFFh SA126 1111110xxx 64/32 7E0000h–7EFFFFh 3F0000h–3F7FFFh SA127 1111111000 8/4 7F0000h–7F1FFFh 3F8000h–3F8FFFh SA128 1111111001 8/4 7F2000h–7F3FFFh 3F9000h–3F9FFFh SA129 1111111010 8/4 7F4000h–7F5FFFh 3FA000h–3FAFFFh SA130 1111111011 8/4 7F6000h–7F7FFFh 3FB000h–3FBFFFh SA131 1111111100 8/4 7F8000h–7F9FFFh 3FC000h–3FCFFFh SA132 1111111101 8/4 7FA000h–7FBFFFh 3FD000h–3FDFFFh SA133 1111111110 8/4 7FC000h–7FDFFFh 3FE000h–3FEFFFh SA134 1111111111 8/4 7FE000h–7FFFFFh 3FF000h–3FFFFFh Table 2. Am29LV640MT Top Boot Sector Architecture (Continued) Sector Sector Address A21–A12 Sector Size (Kbytes/Kwords) (x8) Address Range (x16) Address Range |