Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV640MB100RPCF Fiches technique(PDF) 54 Page - Advanced Micro Devices

No de pièce AM29LV640MB100RPCF
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MB100RPCF Fiches technique(HTML) 54 Page - Advanced Micro Devices

Back Button AM29LV640MB100RPCF Datasheet HTML 50Page - Advanced Micro Devices AM29LV640MB100RPCF Datasheet HTML 51Page - Advanced Micro Devices AM29LV640MB100RPCF Datasheet HTML 52Page - Advanced Micro Devices AM29LV640MB100RPCF Datasheet HTML 53Page - Advanced Micro Devices AM29LV640MB100RPCF Datasheet HTML 54Page - Advanced Micro Devices AM29LV640MB100RPCF Datasheet HTML 55Page - Advanced Micro Devices AM29LV640MB100RPCF Datasheet HTML 56Page - Advanced Micro Devices AM29LV640MB100RPCF Datasheet HTML 57Page - Advanced Micro Devices AM29LV640MB100RPCF Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
52
Am29LV640MT/B
26190C8 February 1, 2007
D A TA
SH EE T
AC CHARACTERISTICS
OE#
CE#
WE#
Addresses
tOEH
tDH
tAHT
tASO
tOEPH
tOE
Valid Data
(first read)
(second read)
(stops toggling)
tCEPH
tAHT
tAS
DQ6/DQ2
Valid Data
Valid
Status
Valid
Status
Valid
Status
RY/BY#
Note: VA = Valid address; not required for DQ6. Illustration shows first two status cycle after command sequence, last status
read cycle, and array data read cycle
Figure 21.
Toggle Bit Timings (During Embedded Algorithms)
Note: DQ2 toggles only when read at an address within an erase-suspended sector. The system can use OE# or CE# to toggle
DQ2 and DQ6.
Figure 22.
DQ2 vs. DQ6
Enter
Erase
Erase
Erase
Enter Erase
Suspend Program
Erase Suspend
Read
Erase Suspend
Read
Erase
WE#
DQ6
DQ2
Erase
Complete
Erase
Suspend
Suspend
Program
Resume
Embedded
Erasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66