Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV640MB100REF Fiches technique(PDF) 62 Page - Advanced Micro Devices

No de pièce AM29LV640MB100REF
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MB100REF Fiches technique(HTML) 62 Page - Advanced Micro Devices

Back Button AM29LV640MB100REF Datasheet HTML 58Page - Advanced Micro Devices AM29LV640MB100REF Datasheet HTML 59Page - Advanced Micro Devices AM29LV640MB100REF Datasheet HTML 60Page - Advanced Micro Devices AM29LV640MB100REF Datasheet HTML 61Page - Advanced Micro Devices AM29LV640MB100REF Datasheet HTML 62Page - Advanced Micro Devices AM29LV640MB100REF Datasheet HTML 63Page - Advanced Micro Devices AM29LV640MB100REF Datasheet HTML 64Page - Advanced Micro Devices AM29LV640MB100REF Datasheet HTML 65Page - Advanced Micro Devices AM29LV640MB100REF Datasheet HTML 66Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
60
Am29LV640MT/B
26190C8 February 1, 2007
D A TA
SH EE T
PHYSICAL DIMENSIONS
FBE063—63-Ball Fine-pitch Ball Grid Array (
FBGA) 12 x 11 mm Package
Dwg rev AF; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66