Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M490000000 Fiches technique(PDF) 52 Page - Advanced Micro Devices

No de pièce M490000000
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (512 K x 16-Bit) Pseudo Static RAM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

M490000000 Fiches technique(HTML) 52 Page - Advanced Micro Devices

Back Button M490000000 Datasheet HTML 48Page - Advanced Micro Devices M490000000 Datasheet HTML 49Page - Advanced Micro Devices M490000000 Datasheet HTML 50Page - Advanced Micro Devices M490000000 Datasheet HTML 51Page - Advanced Micro Devices M490000000 Datasheet HTML 52Page - Advanced Micro Devices M490000000 Datasheet HTML 53Page - Advanced Micro Devices M490000000 Datasheet HTML 54Page - Advanced Micro Devices M490000000 Datasheet HTML 55Page - Advanced Micro Devices M490000000 Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
March 8, 2002
Am49DL640BG
51
PR E L I M I N A R Y
FLASH AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#f
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SADD for sector erase
555 for chip erase
tBUSY
Notes:
1. Figure indicates last two bus cycles of a program or erase operation.
2. PA = program address, SADD = sector address, PD = program data.
3. DQ7# is the complement of the data written to the device. D
OUT is the data written to the device.
4. Waveforms are for the word mode.
Figure 27.
Flash Alternate CE#f Controlled Write (Erase/Program) Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62