Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTS-PC1071 Fiches technique(PDF) 6 Page - Burland Technology Solutions

No de pièce BTS-PC1071
Description  Guards against accidental disconnection of Computers, PDU’s, Servers and most Network Devices.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURLAND [Burland Technology Solutions]
Site Internet  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

BTS-PC1071 Fiches technique(HTML) 6 Page - Burland Technology Solutions

  BTS-PC1071 Datasheet HTML 1Page - Burland Technology Solutions BTS-PC1071 Datasheet HTML 2Page - Burland Technology Solutions BTS-PC1071 Datasheet HTML 3Page - Burland Technology Solutions BTS-PC1071 Datasheet HTML 4Page - Burland Technology Solutions BTS-PC1071 Datasheet HTML 5Page - Burland Technology Solutions BTS-PC1071 Datasheet HTML 6Page - Burland Technology Solutions BTS-PC1071 Datasheet HTML 7Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
THE ORIGINAL & PATENTED RETROFIT SOLUTION
NOW COMES IN A REWIREABLE VERSION!
• Rewireable
- offering total flexibility when assembling cables
• LSZH
- Low Smoke Zero Halogen
NEW
Connectors and outlets can be
used with standard IEC plugs and inlets.
But for extra protection use both to ensure against
accidental removal of power cables connected to
PDU’s, Servers, Network devices etc.
Suitable for use with
‘ANY STANDARD’
C14 or C20 inlet
•
Protects appliances that are
vulnerable to vibration
•
Connector cannot be accidentally
pulled or vibrated out of the inlet
UNIQUE PATENTED LOCKABLE FEMALE C13 & C19
IEC CONNECTORS AND OUTLETS
Guards against accidental disconnection of Computers, PDU’s, Servers and most Network Devices.
WORLD’S
FIRST
LOCKING REWIREABLE
C13 IEC CONNECTOR



Html Pages

1 2 3 4 5 6 7