Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD128G90VF Fiches technique(PDF) 62 Page - Advanced Micro Devices

No de pièce PD128G90VF
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

PD128G90VF Fiches technique(HTML) 62 Page - Advanced Micro Devices

Back Button PD128G90VF Datasheet HTML 58Page - Advanced Micro Devices PD128G90VF Datasheet HTML 59Page - Advanced Micro Devices PD128G90VF Datasheet HTML 60Page - Advanced Micro Devices PD128G90VF Datasheet HTML 61Page - Advanced Micro Devices PD128G90VF Datasheet HTML 62Page - Advanced Micro Devices PD128G90VF Datasheet HTML 63Page - Advanced Micro Devices PD128G90VF Datasheet HTML 64Page - Advanced Micro Devices PD128G90VF Datasheet HTML 65Page - Advanced Micro Devices PD128G90VF Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
October 28, 2004
Am29PDL128G
61
P R E L IM IN A R Y
AC CHARACTERISTICS
OE#
CE#
WE#
Addresses
tOEH
tDH
tAHT
tASO
tOEPH
tOE
Valid Data
(first read)
(second read)
(stops toggling)
tCEPH
tAHT
tAS
DQ6/DQ2
Valid Data
Valid
Status
Valid
Status
Valid
Status
RY/BY#
Note: VA = Valid address; not required for DQ6. Illustration shows first two status cycle after command sequence, last status read
cycle, and array data read cycle
Figure 22.
Toggle Bit Timings (During Embedded Algorithms)
Note: DQ2 toggles only when read at an address within an erase-suspended sector. The system may use OE# or CE# to toggle
DQ2 and DQ6.
Figure 23.
DQ2 vs. DQ6
Enter
Erase
Erase
Erase
Enter Erase
Suspend Program
Erase Suspend
Read
Erase Suspend
Read
Erase
WE#
DQ6
DQ2
Erase
Complete
Erase
Suspend
Suspend
Program
Resume
Embedded
Erasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71