| Moteur de recherche de fiches techniques de composants électroniques |
|
BTS-PC940 Fiches technique(PDF) 6 Page - Burland Technology Solutions |
|
|
|||||||||||||||||||||||||||||
BTS-PC940 Fiches technique(HTML) 6 Page - Burland Technology Solutions |
|
6 / 7 page ![]() THE ORIGINAL & PATENTED RETROFIT SOLUTION NOW COMES IN A REWIREABLE VERSION! • Rewireable - offering total flexibility when assembling cables • LSZH - Low Smoke Zero Halogen NEW Connectors and outlets can be used with standard IEC plugs and inlets. But for extra protection use both to ensure against accidental removal of power cables connected to PDU’s, Servers, Network devices etc. Suitable for use with ‘ANY STANDARD’ C14 or C20 inlet • Protects appliances that are vulnerable to vibration • Connector cannot be accidentally pulled or vibrated out of the inlet UNIQUE PATENTED LOCKABLE FEMALE C13 & C19 IEC CONNECTORS AND OUTLETS Guards against accidental disconnection of Computers, PDU’s, Servers and most Network Devices. WORLD’S FIRST LOCKING REWIREABLE C13 IEC CONNECTOR |