Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29BDD160GT28DPBI Fiches technique(PDF) 59 Page - Advanced Micro Devices

No de pièce AM29BDD160GT28DPBI
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT28DPBI Fiches technique(HTML) 59 Page - Advanced Micro Devices

Back Button AM29BDD160GT28DPBI Datasheet HTML 55Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 56Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 57Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 58Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 59Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 60Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 61Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 62Page - Advanced Micro Devices AM29BDD160GT28DPBI Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 79 page
background image
June 7, 2006
Am29BDD160G
57
AC CHARACTERISTICS
V
CC and VIO Power-up
Figure 14.
VCC and VIO Power-up Diagram
Parameter
Description
Test Setup
Speed
Unit
t
VCS
V
CC Setup Time
Min50
µs
t
VIOS
V
IO Setup Time
Min50
µs
tRSTH
RESET# Low Hold Time
Min50
µs
VCC
VIOP
RESET#
tVCS
tRSTH
tVIOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79