Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8539SEG42V02SY74 Fiches technique(PDF) 1 Page - Schneider Electric

No de pièce 8539SEG42V02SY74
Description  NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 3, 90A, 3 phase, 120 VAC coil, NEMA 1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8539SEG42V02SY74 Fiches technique(HTML) 1 Page - Schneider Electric

  8539SEG42V02SY74 Datasheet HTML 1Page - Schneider Electric 8539SEG42V02SY74 Datasheet HTML 2Page - Schneider Electric 8539SEG42V02SY74 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NEMA Combination Starter, Type
S, HHL electronic motor circuit
protector, Size 3, 90A, 3 phase,
120 VAC coil, NEMA 1
8539SEG42V02SY74
Product availability: Non-Stock - Not normally stocked in
distribution facility
Main
Product
Combination Starter
Type
S
Control Circuit Type
Separate control circuit
Complementary
Control Circuit Voltage
110 V AC 50 Hz
120 V AC 60 Hz
Starter Type
Non reversing
Number Of Poles
3P
Horsepower Rating
15…25 hp 200 V AC, 3 phase
15…30 hp 230 V AC, 3 phase
30…50 hp 460 V AC, 3 phase
40…50 hp 575 V AC, 3 phase
Maximum Voltage Rating
600 V AC
Control Units
No control units
Pilot Light
No indicator
Auxiliary Contacts
Without
Thermal Overload Type
Melting alloy 3
Disconnect Type
Circuit breaker, 100 A, electrical SPDT
Circuit Breaker Type
EMCP
Breaking Capacity
100 kA 480 V AC
50 kA 600 V AC
Height
42 in (1066.80 mm)
Depth
10.59 in (268.99 mm)
Width
15.25 in (387.35 mm)
Handle Swing
5 in (127.00 mm)
Environment
Enclosure Type
NEMA 1 painted sheet steel with external reset
Nema Size
3
Product Certifications
UL listed file E152395 CCN NKJH
UL listed file E152395 CCN NKJH7
CSA file 584 class 3211 04
Ordering and shipping details
Product data sheet
Specifications
Dec 26, 2023
1
Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.


Numéro de pièce similaire - 8539SEG42V02SY74

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
8539SEG42V02S SCHNEIDER-8539SEG42V02S Datasheet
102Kb / 2P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 3, 90A, 3 phase, 120 VAC coil, NEMA 1
Oct 5, 2023
More results

Description similaire - 8539SEG42V02SY74

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
8539SEA52V02S SCHNEIDER-8539SEA52V02S Datasheet
103Kb / 2P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 3, 90A, 3 phase, 120 VAC coil, NEMA 12
Oct 5, 2023
8539SEG42V02S SCHNEIDER-8539SEG42V02S Datasheet
102Kb / 2P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 3, 90A, 3 phase, 120 VAC coil, NEMA 1
Oct 5, 2023
8539SEA42V02S SCHNEIDER-8539SEA42V02S Datasheet
108Kb / 2P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 3, 90A, 3 phase, 120 VAC coil, NEMA 12
Nov 9, 2023
8539SEG41V07 SCHNEIDER-8539SEG41V07 Datasheet
67Kb / 3P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 3, 90A, 3 phase, 120 VAC coil, NEMA 1
Dec 26, 2023
8539SEG42V81AF4P2T SCHNEIDER-8539SEG42V81AF4P2T Datasheet
68Kb / 3P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 3, 90A, 3 phase, 120 VAC coil, NEMA 1
Dec 26, 2023
8539SEG42V81AFF4P2T SCHNEIDER-8539SEG42V81AFF4P2T Datasheet
67Kb / 2P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 3, 90A, 3 phase, 120 VAC coil, NEMA 1
Dec 26, 2023
8539SEG42V81FF4T SCHNEIDER-8539SEG42V81FF4T Datasheet
68Kb / 3P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 3, 90A, 3 phase, 120 VAC coil, NEMA 1
Dec 26, 2023
8539SEW42V02SY74 SCHNEIDER-8539SEW42V02SY74 Datasheet
71Kb / 3P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 3, 90A, 3 phase, 120 VAC coil, NEMA 4X
Dec 28, 2023
8539SEA52V81AFF4TX11 SCHNEIDER-8539SEA52V81AFF4TX11 Datasheet
68Kb / 2P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 3, 90A, 3 phase, 120 VAC coil, NEMA 12
Dec 28, 2023
8539SEW51V02S SCHNEIDER-8539SEW51V02S Datasheet
70Kb / 3P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 3, 90A, 3 phase, 120 VAC coil, NEMA 4X
Dec 28, 2023
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com