Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29PDL128G35PEF Fiches technique(PDF) 6 Page - Advanced Micro Devices

No de pièce AM29PDL128G35PEF
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G35PEF Fiches technique(HTML) 6 Page - Advanced Micro Devices

Back Button AM29PDL128G35PEF Datasheet HTML 2Page - Advanced Micro Devices AM29PDL128G35PEF Datasheet HTML 3Page - Advanced Micro Devices AM29PDL128G35PEF Datasheet HTML 4Page - Advanced Micro Devices AM29PDL128G35PEF Datasheet HTML 5Page - Advanced Micro Devices AM29PDL128G35PEF Datasheet HTML 6Page - Advanced Micro Devices AM29PDL128G35PEF Datasheet HTML 7Page - Advanced Micro Devices AM29PDL128G35PEF Datasheet HTML 8Page - Advanced Micro Devices AM29PDL128G35PEF Datasheet HTML 9Page - Advanced Micro Devices AM29PDL128G35PEF Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
October 28, 2004
Am29PDL128G
5
P R E L IM IN A R Y
Figure 11. Input Waveforms and Measurement Levels .................. 52
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 53
Read-Only Operations ........................................................... 53
Figure 12. Read Operation Timings ................................................ 53
Figure 13. Page Read Operation Timings....................................... 54
Hardware Reset (RESET#) .................................................... 55
Figure 14. Reset Timings ................................................................ 55
Word/Double Word Configuration (WORD#) .......................... 56
Figure 15. WORD# Timings for Read Operations........................... 56
Figure 16. WORD# Timings for Write Operations........................... 56
Erase and Program Operations .............................................. 57
Figure 17. Program Operation Timings........................................... 58
Figure 18. Accelerated Program Timing Diagram........................... 58
Figure 19. Chip/Sector Erase Operation Timings ........................... 59
Figure 20. Back-to-back Read/Write Cycle Timings ....................... 60
Figure 21. Data# Polling Timings (During Embedded Algorithms).. 60
Figure 22. Toggle Bit Timings (During Embedded Algorithms)....... 61
Figure 23. DQ2 vs. DQ6.................................................................. 61
Temporary Sector Unprotect .................................................. 62
Figure 24. Temporary Sector Unprotect Timing Diagram .............. 62
Figure 25. Sector/Sector Block Protect and
Unprotect Timing Diagram ............................................................. 63
Alternate CE# Controlled Erase and Program Operations ..... 64
Figure 26. Alternate CE# Controlled Write (Erase/Program)
Operation Timings.......................................................................... 65
Erase And Programming Performance. . . . . . . . 66
Latchup Characteristics . . . . . . . . . . . . . . . . . . . . 66
BGA Ball Capacitance . . . . . . . . . . . . . . . . . . . . . 66
Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 67
LAB080—80-Ball Fortified Ball Grid Array
15 x 10 mm package .............................................................. 67
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71