Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29PDL128G35PEE Fiches technique(PDF) 9 Page - Advanced Micro Devices

No de pièce AM29PDL128G35PEE
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G35PEE Fiches technique(HTML) 9 Page - Advanced Micro Devices

Back Button AM29PDL128G35PEE Datasheet HTML 5Page - Advanced Micro Devices AM29PDL128G35PEE Datasheet HTML 6Page - Advanced Micro Devices AM29PDL128G35PEE Datasheet HTML 7Page - Advanced Micro Devices AM29PDL128G35PEE Datasheet HTML 8Page - Advanced Micro Devices AM29PDL128G35PEE Datasheet HTML 9Page - Advanced Micro Devices AM29PDL128G35PEE Datasheet HTML 10Page - Advanced Micro Devices AM29PDL128G35PEE Datasheet HTML 11Page - Advanced Micro Devices AM29PDL128G35PEE Datasheet HTML 12Page - Advanced Micro Devices AM29PDL128G35PEE Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
8
Am29PDL128G
October 28, 2004
P R E L IM IN A R Y
CONNECTION DIAGRAMS
Special Handling Instructions for BGA
Packages
Special handling is required for Flash Memory products
in molded packages (BGA). The package and/or data
integrity may be compromised if the package body is
exposed to temperatures above 150
°C for prolonged
periods of time.
B2
D2
E2
F2
G2
H2
J2
B3
D3
E3
F3
G3
H3
J3
B4
D4
E4
F4
G4
H4
J4
B5
D5
E5
F5
G5
H5
J5
B6
D6
E6
F6
G6
H6
J6
B7
D7
E7
F7
G7
H7
J7
DQ24
A19
VIO
DQ26
DQ13
VSS
DQ15
CE#
DQ8
A16
DQ25
DQ27
DQ12
DQ14
DQ31/A-1
A20
A14
A13
DQ10
RFU
ACC
DQ29
WE#
WP#
A12
RFU
VSS
RFU
RESET#
DQ18
A1
A0
VSS
A10
DQ22
DQ20
DQ4
VSS
DQ16
A3
DQ23
A7
K2
K3
K4
K5
K6
K7
A17
A15
RFU
RFU
A11
A9
DQ6
DQ21
DQ3
VIO
DQ1
VCC
B1
D1
E1
F1
G1
H1
J1
DQ7
A6
VIO
DQ5
DQ19
DQ2
DQ17
DQ0
A1
A5
B8
D8
C2
C3
C4
C5
C6
C7
A2
A3
A4
A5
A6
A7
WORD#
A21
RFU
RY/BY#
A2
A4
C1
C8
E8
F8
G8
H8
J8
DQ9
VCC
K1
A8
K8
A18
VSS
DQ11
DQ28
VIO
DQ30
VSS
A8
OE#
80-Ball Fortified BGA
Top View, Balls Facing Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71