Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBR2545CT Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce MBR2545CT
Description  30A SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR2545CT Fiches technique(HTML) 2 Page - Diodes Incorporated

  MBR2545CT Datasheet HTML 1Page - Diodes Incorporated MBR2545CT Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS31036 Rev. 6 - 2
2 of 2
MBR2535CT - MBR2560CT
www.diodes.com
0.01
10
0.1
1.0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
50
MBR2535CT & MBR2545CT
MBR2550CT & MBR2560CT
T= 25 C
j
°
T = 150 C
j
°
0
50
100
150
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Maximum Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
100
1000
10000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Total Capacitance (per element)
R
T= 25 C
f = 1.0MHz
j
°
MBR2535CT & MBR2545CT
MBR2550CT & MBR2560CT
0
6
12
24
30
18
0
50
100
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Derating Curve
C
°
150
* xx = Device type, e.g. MBR2545CT
Notes:
4. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
Device
Packaging
Shipping
MBR25xxCT*
TO-220AB
50/Tube
(Note 5)
Ordering Information



Html Pages

1 2