Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F800BT55VC Fiches technique(PDF) 23 Page - Advanced Micro Devices

No de pièce F800BT55VC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

F800BT55VC Fiches technique(HTML) 23 Page - Advanced Micro Devices

Back Button F800BT55VC Datasheet HTML 19Page - Advanced Micro Devices F800BT55VC Datasheet HTML 20Page - Advanced Micro Devices F800BT55VC Datasheet HTML 21Page - Advanced Micro Devices F800BT55VC Datasheet HTML 22Page - Advanced Micro Devices F800BT55VC Datasheet HTML 23Page - Advanced Micro Devices F800BT55VC Datasheet HTML 24Page - Advanced Micro Devices F800BT55VC Datasheet HTML 25Page - Advanced Micro Devices F800BT55VC Datasheet HTML 26Page - Advanced Micro Devices F800BT55VC Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
November 2, 2006 21504E5
Am29F800B
21
D A TA SH EE T
the system must write the reset command to return to
reading array data.
The remaining scenario is that the system initially de-
termines that the toggle bit is toggling and DQ5 has not
gone high. The system may continue to monitor the
toggle bit and DQ5 through successive read cycles, de-
termining the status as described in the previous para-
graph. Alternatively, it may choose to perform other
system tasks. In this case, the system must start at the
beginning of the algorithm when it returns to determine
the status of the operation (top of Figure 5).
DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase time has
exceeded a specified internal pulse count limit. Under
these conditions DQ5 produces a “1.” This is a failure
condition that indicates the program or erase cycle was
not successfully completed.
The DQ5 failure condition may appear if the system
tries to program a “1” to a location that is previously pro-
grammed to “0.” Only an erase operation can change
a “0” back to a “1.” Under this condition, the device
halts the operation, and when the operation has ex-
ceeded the timing limits, DQ5 produces a “1.”
Under both these conditions, the system must issue the
reset command to return the device to reading array
data.
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the
system may read DQ3 to determine whether or not an
erase operation has begun. (The sector erase timer
does not apply to the chip erase command.) If addi-
tional sectors are selected for erasure, the entire time-
out also applies after each additional sector erase
command. When the time-out is complete, DQ3
switches from “0” to “1.” The system may ignore DQ3
if the system can guarantee that the time between ad-
ditional sector erase commands will always be less
than 50 µs. See also the “Sector Erase Command Se-
quence” section.
After the sector erase command sequence is written,
the system should read the status on DQ7 (Data# Poll-
ing) or DQ6 (Toggle Bit I) to ensure the device has ac-
cepted the command sequence, and then read DQ3. If
DQ3 is “1”, the internally controlled erase cycle has be-
gun; all further commands (other than Erase Suspend)
are ignored until the erase operation is complete. If
DQ3 is “0”, the device will accept additional sector
erase commands. To ensure the command has been
accepted, the system software should check the status
of DQ3 prior to and following each subsequent sector
erase command. If DQ3 is high on the second status
check, the last command might not have been ac-
cepted. Table 6 shows the outputs for DQ3.
START
No
Yes
Yes
DQ5 = 1?
No
Yes
Toggle Bit
= Toggle?
No
Program/Erase
Operation Not
Complete, Write
Reset Command
Program/Erase
Operation Complete
Read DQ7–DQ0
Toggle Bit
= Toggle?
Read DQ7–DQ0
Twice
Read DQ7–DQ0
Notes:
1. Read toggle bit twice to determine whether or not it is
toggling. See text.
2. Recheck toggle bit because it may stop toggling as DQ5
changes to “1”. See text.
Figure 5.
Toggle Bit Algorithm
(Notes
1, 2)
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com