Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L800BT70VC Fiches technique(PDF) 49 Page - Advanced Micro Devices

No de pièce L800BT70VC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

L800BT70VC Fiches technique(HTML) 49 Page - Advanced Micro Devices

Back Button L800BT70VC Datasheet HTML 41Page - Advanced Micro Devices L800BT70VC Datasheet HTML 42Page - Advanced Micro Devices L800BT70VC Datasheet HTML 43Page - Advanced Micro Devices L800BT70VC Datasheet HTML 44Page - Advanced Micro Devices L800BT70VC Datasheet HTML 45Page - Advanced Micro Devices L800BT70VC Datasheet HTML 46Page - Advanced Micro Devices L800BT70VC Datasheet HTML 47Page - Advanced Micro Devices L800BT70VC Datasheet HTML 48Page - Advanced Micro Devices L800BT70VC Datasheet HTML 49Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 49 page
background image
47
Am29LV800B
AC Characteristics—Figure 17. Program
Operations Timing and Figure 18.
Chip/Sector Erase Operations
Deleted tGHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision G+1 (July 7, 2000)
Ordering Information
Inserted dashes into ordering part numbers. Deleted
burn-in option.
Revision G+2 (August 14, 2000)
Global
Deleted 70R and 80 ns speed options and burn-in
option.
Revision G+3 (June 4, 2004)
Ordering Information
Added Lead-free (Pb-free) options to the Tempera-
ture range breakout of the OPN table and to the Valid
Combinations table.
Revision G+4 (January 20, 2005)
Added migration statement to cover page and first
page of data sheet.
Added Colophon.
Updated Trademark
Revision G+5 (May 25, 2005)
Updated migration statement on cover page and first
page of data sheet.
Updated trademarks.
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limitation, ordinary
industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as contemplated (1) for any use that
includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the public, and could lead directly to death, personal
injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility, aircraft flight control, air traffic control, mass transport control,
medical life support system, missile launch control in weapon system), or (2) for any use where chance of failure is intolerable (i.e., submersible repeater and
artificial satellite). Please note that Spansion LLC will not be liable to you and/or any third party for any claims or damages arising in connection with above-
mentioned uses of the products. Any semiconductor devices have an inherent chance of failure. You must protect against injury, damage or loss from such
failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels
and other abnormal operating conditions. If any products described in this document represent goods or technologies subject to certain restrictions on
export under the Foreign Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country,
the prior authorization by the respective government entity will be required for export of those products.
Trademarks
Copyright © 2005 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced
Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only
and may be trademarks of their respective companies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49