Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41000002W Fiches technique(PDF) 44 Page - Advanced Micro Devices

No de pièce M41000002W
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002W Fiches technique(HTML) 44 Page - Advanced Micro Devices

Back Button M41000002W Datasheet HTML 40Page - Advanced Micro Devices M41000002W Datasheet HTML 41Page - Advanced Micro Devices M41000002W Datasheet HTML 42Page - Advanced Micro Devices M41000002W Datasheet HTML 43Page - Advanced Micro Devices M41000002W Datasheet HTML 44Page - Advanced Micro Devices M41000002W Datasheet HTML 45Page - Advanced Micro Devices M41000002W Datasheet HTML 46Page - Advanced Micro Devices M41000002W Datasheet HTML 47Page - Advanced Micro Devices M41000002W Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
September 5, 2002
Am41DL32x8G
43
PR ELI M I NARY
AC CHARACTERISTICS
SRAM CE#s Timing
Figure 13.
Timing Diagram for Alternating Between SRAM to Flash
Parameter
Description
Test Setup
All Speeds
Unit
JEDEC
Std
—
tCCR
CE#s Recover Time
—
Min
0
ns
E#f
tCCR
tCCR
E1#s
E2s
tCCR
tCCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66