Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV128MH93RPCF Fiches technique(PDF) 18 Page - Advanced Micro Devices

No de pièce AM29LV128MH93RPCF
Description  128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV128MH93RPCF Fiches technique(HTML) 18 Page - Advanced Micro Devices

Back Button AM29LV128MH93RPCF Datasheet HTML 14Page - Advanced Micro Devices AM29LV128MH93RPCF Datasheet HTML 15Page - Advanced Micro Devices AM29LV128MH93RPCF Datasheet HTML 16Page - Advanced Micro Devices AM29LV128MH93RPCF Datasheet HTML 17Page - Advanced Micro Devices AM29LV128MH93RPCF Datasheet HTML 18Page - Advanced Micro Devices AM29LV128MH93RPCF Datasheet HTML 19Page - Advanced Micro Devices AM29LV128MH93RPCF Datasheet HTML 20Page - Advanced Micro Devices AM29LV128MH93RPCF Datasheet HTML 21Page - Advanced Micro Devices AM29LV128MH93RPCF Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
18
Am29LV128MH/L
25270C7 January 31, 2007
D A TA
SH EE T
SA191
1
0
1
1
1
1
1
1
64/32
BF0000–BFFFFF
5F8000–5FFFFF
SA192
1
1
0
0
0
0
0
0
64/32
C00000–C0FFFF
600000–607FFF
SA193
1
1
0
0
0
0
0
1
64/32
C10000–C1FFFF
608000–60FFFF
SA194
1
1
0
0
0
0
1
0
64/32
C20000–C2FFFF
610000–617FFF
SA195
1
1
0
0
0
0
1
1
64/32
C30000–C3FFFF
618000–61FFFF
SA196
1
1
0
0
0
1
0
0
64/32
C40000–C4FFFF
620000–627FFF
SA197
1
1
0
0
0
1
0
1
64/32
C50000–C5FFFF
628000–62FFFF
SA198
1
1
0
0
0
1
1
0
64/32
C60000–C6FFFF
630000–637FFF
SA199
1
1
0
0
0
1
1
1
64/32
C70000–C7FFFF
638000–63FFFF
SA200
1
1
0
0
1
0
0
0
64/32
C80000–C8FFFF
640000–647FFF
SA201
1
1
0
0
1
0
0
1
64/32
C90000–C9FFFF
648000–64FFFF
SA202
1
1
0
0
1
0
1
0
64/32
CA0000–CAFFFF
650000–657FFF
SA203
1
1
0
0
1
0
1
1
64/32
CB0000–CBFFFF
658000–65FFFF
SA204
1
1
0
0
1
1
0
0
64/32
CC0000–CCFFFF
660000–667FFF
SA205
1
1
0
0
1
1
0
1
64/32
CD0000–CDFFFF
668000–66FFFF
SA206
1
1
0
0
1
1
1
0
64/32
CE0000–CEFFFF
670000–677FFF
SA207
1
1
0
0
1
1
1
1
64/32
CF0000–CFFFFF
678000–67FFFF
SA208
1
1
0
1
0
0
0
0
64/32
D00000–D0FFFF
680000–687FFF
SA209
1
1
0
1
0
0
0
1
64/32
D10000–D1FFFF
688000–68FFFF
SA210
1
1
0
1
0
0
1
0
64/32
D20000–D2FFFF
690000–697FFF
SA211
1
1
0
1
0
0
1
1
64/32
D30000–D3FFFF
698000–69FFFF
SA212
1
1
0
1
0
1
0
0
64/32
D40000–D4FFFF
6A0000–6A7FFF
SA213
1
1
0
1
0
1
0
1
64/32
D50000–D5FFFF
6A8000–6AFFFF
SA214
1
1
0
1
0
1
1
0
64/32
D60000–D6FFFF
6B0000–6B7FFF
SA215
1
1
0
1
0
1
1
1
64/32
D70000–D7FFFF
6B8000–6BFFFF
SA216
1
1
0
1
1
0
0
0
64/32
D80000–D8FFFF
6C0000–6C7FFF
SA217
1
1
0
1
1
0
0
1
64/32
D90000–D9FFFF
6C8000–6CFFFF
SA218
1
1
0
1
1
0
1
0
64/32
DA0000–DAFFFF
6D0000–6D7FFF
SA219
1
1
0
1
1
0
1
1
64/32
DB0000–DBFFFF
6D8000–6DFFFF
SA220
1
1
0
1
1
1
0
0
64/32
DC0000–DCFFFF
6E0000–6E7FFF
SA221
1
1
0
1
1
1
0
1
64/32
DD0000–DDFFFF
6E8000–6EFFFF
SA222
1
1
0
1
1
1
1
0
64/32
DE0000–DEFFFF
6F0000–6F7FFF
SA223
1
1
0
1
1
1
1
1
64/32
DF0000–DFFFFF
6F8000–6FFFFF
SA224
1
1
1
0
0
0
0
0
64/32
E00000–E0FFFF
700000–707FFF
SA225
1
1
1
0
0
0
0
1
64/32
E10000–E1FFFF
708000–70FFFF
SA226
1
1
1
0
0
0
1
0
64/32
E20000–E2FFFF
710000–717FFF
SA227
1
1
1
0
0
0
1
1
64/32
E30000–E3FFFF
718000–71FFFF
SA228
1
1
1
0
0
1
0
0
64/32
E40000–E4FFFF
720000–727FFF
SA229
1
1
1
0
0
1
0
1
64/32
E50000–E5FFFF
728000–72FFFF
SA230
1
1
1
0
0
1
1
0
64/32
E60000–E6FFFF
730000–737FFF
SA231
1
1
1
0
0
1
1
1
64/32
E70000–E7FFFF
738000–73FFFF
SA232
1
1
1
0
1
0
0
0
64/32
E80000–E8FFFF
740000–747FFF
SA233
1
1
1
0
1
0
0
1
64/32
E90000–E9FFFF
748000–74FFFF
SA234
1
1
1
0
1
0
1
0
64/32
EA0000–EAFFFF
750000–757FFF
SA235
1
1
1
0
1
0
1
1
64/32
EB0000–EBFFFF
758000–75FFFF
SA236
1
1
1
0
1
1
0
0
64/32
EC0000–ECFFFF
760000–767FFF
SA237
1
1
1
0
1
1
0
1
64/32
ED0000–EDFFFF
768000–76FFFF
SA238
1
1
1
0
1
1
1
0
64/32
EE0000–EEFFFF
770000–777FFF
Table 2.
Sector Address Table (Sheet 5 of 6)
Sector
A22–A15
Sector Size
(Kbytes/Kwords)
8-bit
Address Range
(in hexadecimal)
16-bit
Address Range
(in hexadecimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66