Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV065MU90REF Fiches technique(PDF) 62 Page - Advanced Micro Devices

No de pièce AM29LV065MU90REF
Description  64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065MU90REF Fiches technique(HTML) 62 Page - Advanced Micro Devices

Back Button AM29LV065MU90REF Datasheet HTML 54Page - Advanced Micro Devices AM29LV065MU90REF Datasheet HTML 55Page - Advanced Micro Devices AM29LV065MU90REF Datasheet HTML 56Page - Advanced Micro Devices AM29LV065MU90REF Datasheet HTML 57Page - Advanced Micro Devices AM29LV065MU90REF Datasheet HTML 58Page - Advanced Micro Devices AM29LV065MU90REF Datasheet HTML 59Page - Advanced Micro Devices AM29LV065MU90REF Datasheet HTML 60Page - Advanced Micro Devices AM29LV065MU90REF Datasheet HTML 61Page - Advanced Micro Devices AM29LV065MU90REF Datasheet HTML 62Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 62 / 62 page
background image
60
Am29LV065MU
September 12, 2006
DA TA
SH EET
AC Characteristics
Added Note
Input values in the t
WHWH1 and tWHWH2 parameters in
the Erase and Program Options table that were previ-
ously TBD. Also added notes 5 and 6.
Input values in the t
WHWH1 and tWHWH2 parameters in
the Alternate CE# Controlled Erase and Program Op-
tions table that were previously TBD. Also added notes
5.
Erase and Programming Performance
Input values into table that were previously TBD.
Added note 4.
SecSi (Secured Silicon) Sector Flash Memory
Region
Corrected SecSi Sector address range in table.
Corrected the address to find the 16–byte random
ESN.
Revision C (February 17, 2004)
Table 1 Device Bus Operations
Modified ACC column to replace instances of X to L/H.
Table 10: Command Definitions
Replaced the Addr information for both Program/Erase
Suspend and Program/Erase Resume from BA to
XXX.
DC Characteristics - CMOS Compatible
Removed additional sentence from note 4.
Erase Suspend/Erase Resume Commands
Added note on flash device performance during sus-
pend/erase mode.
AC Characteristics - Erase and Program
Operations
Added t
POLL information.
Added note.
Trademarks
Updated.
ESN.
Revision C + 1 (August 23, 2004)
Added Max programming specifications.
Added notation referencing superseding documenta-
tion.
Revision C + 2 (November 9, 2004)
Added Pb-free options.
Revision C + 3 (December 13, 2005)
This product has been retired and is not available for
designs. For new and current designs, S29GL064A
supersedes Am29LV065MU and is the factory-recom-
mende d mig r ation pa th. P l ease refe r to th e
S29GL064A datasheet for specifications and ordering
information. Availability of this document is retained for
reference and historical purposes only.
Trademark updated.
Revision C4 (September 12, 2006)
Erase and Program Operations table
Changed t
BUSY to a maximum specification.
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion Inc. will not be liable
to you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor
devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design
measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products.
Trademarks
Copyright © 2001–2005 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and
may be trademarks of their respective companies.
Copyright © 2006 Spansion Inc. All Rights Reserved. Spansion, the Spansion logo, MirrorBit, ORNAND, HD-SIM, and combinations thereof are
trademarks of Spansion Inc. Other names are for informational purposes only and may be trademarks of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62