Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D800BT12VC Fiches technique(PDF) 9 Page - Advanced Micro Devices

No de pièce D800BT12VC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

D800BT12VC Fiches technique(HTML) 9 Page - Advanced Micro Devices

Back Button D800BT12VC Datasheet HTML 5Page - Advanced Micro Devices D800BT12VC Datasheet HTML 6Page - Advanced Micro Devices D800BT12VC Datasheet HTML 7Page - Advanced Micro Devices D800BT12VC Datasheet HTML 8Page - Advanced Micro Devices D800BT12VC Datasheet HTML 9Page - Advanced Micro Devices D800BT12VC Datasheet HTML 10Page - Advanced Micro Devices D800BT12VC Datasheet HTML 11Page - Advanced Micro Devices D800BT12VC Datasheet HTML 12Page - Advanced Micro Devices D800BT12VC Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
December 4, 2006 21519C4
Am29DL800B
7
D A TA
SH EE T
PIN DESCRIPTION
A0-A18
= 19 Addresses
DQ0-DQ14 = 15 Data Inputs/Outputs
DQ15/A-1 = DQ15 (Data Input/Output, word mode),
A-1 (LSB Address Input, byte mode)
CE#
= Chip Enable
OE#
= Output Enable
WE#
= Write Enable
BYTE#
= Selects 8-bit or 16-bit mode
RESET#
= Hardware Reset Pin, Active Low
RY/BY#
= Ready/Busy Output
VCC = 3.0 volt-only single power supply
(see Product Selector Guide for speed
options and voltage supply tolerances)
VSS
= Device Ground
NC
= Pin Not Connected Internally
LOGIC SYMBOL
19
16 or 8
DQ0–DQ15
(A-1)
A0–A18
CE#
OE#
WE#
RESET#
BYTE#
RY/BY#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46