Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV128MH123REF Fiches technique(PDF) 52 Page - Advanced Micro Devices

No de pièce AM29LV128MH123REF
Description  128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV128MH123REF Fiches technique(HTML) 52 Page - Advanced Micro Devices

Back Button AM29LV128MH123REF Datasheet HTML 48Page - Advanced Micro Devices AM29LV128MH123REF Datasheet HTML 49Page - Advanced Micro Devices AM29LV128MH123REF Datasheet HTML 50Page - Advanced Micro Devices AM29LV128MH123REF Datasheet HTML 51Page - Advanced Micro Devices AM29LV128MH123REF Datasheet HTML 52Page - Advanced Micro Devices AM29LV128MH123REF Datasheet HTML 53Page - Advanced Micro Devices AM29LV128MH123REF Datasheet HTML 54Page - Advanced Micro Devices AM29LV128MH123REF Datasheet HTML 55Page - Advanced Micro Devices AM29LV128MH123REF Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
52
Am29LV128MH/L
25270C7 January 31, 2007
D A TA
SH EE T
AC CHARACTERISTICS
OE#
WE#
CE#
VCC
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA
tPOLL
Notes:
1. PA = program address, PD = program data, DOUT is the true data at the program address.
2. Illustration shows device in word mode.
Figure 18.
Program Operation Timings
ACC
tVHH
VHH
VIL or VIH
VIL or VIH
tVHH
Figure 19.
Accelerated Program Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66