Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV128ML113REF Fiches technique(PDF) 65 Page - Advanced Micro Devices

No de pièce AM29LV128ML113REF
Description  128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV128ML113REF Fiches technique(HTML) 65 Page - Advanced Micro Devices

Back Button AM29LV128ML113REF Datasheet HTML 58Page - Advanced Micro Devices AM29LV128ML113REF Datasheet HTML 59Page - Advanced Micro Devices AM29LV128ML113REF Datasheet HTML 60Page - Advanced Micro Devices AM29LV128ML113REF Datasheet HTML 61Page - Advanced Micro Devices AM29LV128ML113REF Datasheet HTML 62Page - Advanced Micro Devices AM29LV128ML113REF Datasheet HTML 63Page - Advanced Micro Devices AM29LV128ML113REF Datasheet HTML 64Page - Advanced Micro Devices AM29LV128ML113REF Datasheet HTML 65Page - Advanced Micro Devices AM29LV128ML113REF Datasheet HTML 66Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 65 / 66 page
background image
January 31, 2007 25270C7
Am29LV128MH/L
65
D A TA
SH EET
Common Flash Memory Interface (CFI)
Changed wording in last sentence of third paragraph
from, “...the autoselect mode.” to “...reading array
data.” Changed CFI website address
Revision B+3 (December 2, 2002)
Global
Added sector group protection throughout datasheet
and added Table 4.
Product Selector Guide
Added V
IOs to table and removed Note #2
Ordering Information
Corrected typos in V
IO ranges. Removed Notes #1 and
2.
Figure 6. Program Suspend/Program Resume
Change wait time to 15
μs.
Operating Ranges
Corrected typos in V
IO ranges. Removed full voltage
range.
DC Characteristics
Changed V
IH1 and VIH2 minimum to 1.9. Removed
typos in notes.
Read-Only Characteristics
Added a 30 ns option to t
PACC and tOE standard in ta-
ble. Added note #3.
Hardware Reset, Erase and Program Operations,
Temporary Sector Unprotect, and Alternate CE#
Controlled Erase and Program Operations
Added Note.
Revision B+4 (February 14, 2003)
Distinctive Characteristics
Corrected performance characteristics.
Product Selector Guide
Removed 93R speed option. Added Note 2.
Ordering Information
Corrected Valid Combination to reflect speed option
changes. Added Note.
AC Characteristics
Removed 93, 93R speed option. Added Note.
Input values in the t
WHWH1 and tWHWH2 parameters in
the Erase and Program Options table that were previ-
ously TBD. Also added notes 5 and 6.
Input values in the t
WHWH1 and tWHWH2 parameters in
the Alternate CE# Controlled Erase and Program Op-
tions table that were previously TBD. Also added Note
5.
Erase and Programming Performance
Input values into table that were previously TBD.
Added note 4.
Revision C (May 16, 2003)
Global
Converted to full data sheet version. Modified Secured
Silicon Sector Flash Memory Region section to in-
clude ESN references. Changed data sheet title to
Am29LV128MH/L.
Erase and Programming Performance
Input values into table that were previously TBD. Modi-
fied notes.
Revision C+1 (June 11, 2003)
Product Selector Guide
Added Note 2 to 113 and 123 speed grades
Ordering Information
Modified speed grade options available, changed
speed grades mentioned in Note.
AC Characteristics, Erase and Program Operations
and Alternate CE# Controlled Erase and Program
Operations
Changed t
WHWH1 Accelerated Effective Write Buffer
Program Operations value
Revision C+2 (September 9, 2003)
Global
Added 90 ns speed options and Ordering Part Num-
bers
Ordering Information
Added Note regarding Ordering Part Numbers.
Program Suspend/Program Resume Command
Sequence
Modified last paragraph.
Command Definitions, Table 10
Modified First Addr for Program/Erase Suspend and
Resume.
AC Characteristics
Added T
RB, TBUSY specs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66