Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV128MH113REF Fiches technique(PDF) 53 Page - Advanced Micro Devices

No de pièce AM29LV128MH113REF
Description  128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV128MH113REF Fiches technique(HTML) 53 Page - Advanced Micro Devices

Back Button AM29LV128MH113REF Datasheet HTML 49Page - Advanced Micro Devices AM29LV128MH113REF Datasheet HTML 50Page - Advanced Micro Devices AM29LV128MH113REF Datasheet HTML 51Page - Advanced Micro Devices AM29LV128MH113REF Datasheet HTML 52Page - Advanced Micro Devices AM29LV128MH113REF Datasheet HTML 53Page - Advanced Micro Devices AM29LV128MH113REF Datasheet HTML 54Page - Advanced Micro Devices AM29LV128MH113REF Datasheet HTML 55Page - Advanced Micro Devices AM29LV128MH113REF Datasheet HTML 56Page - Advanced Micro Devices AM29LV128MH113REF Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
January 31, 2007 25270C7
Am29LV128MH/L
53
D A TA
SH EET
AC CHARACTERISTICS
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
RY/BY#
tRB
tBUSY
Notes:
1. SA = sector address (for Sector Erase), VA = Valid Address for reading status data. See “Write Operation Status” on page 39.
2. These waveforms are for the word mode.
Figure 20.
Chip/Sector Erase Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66