Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41000000H Fiches technique(PDF) 5 Page - Advanced Micro Devices

No de pièce M41000000H
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000000H Fiches technique(HTML) 5 Page - Advanced Micro Devices

  M41000000H Datasheet HTML 1Page - Advanced Micro Devices M41000000H Datasheet HTML 2Page - Advanced Micro Devices M41000000H Datasheet HTML 3Page - Advanced Micro Devices M41000000H Datasheet HTML 4Page - Advanced Micro Devices M41000000H Datasheet HTML 5Page - Advanced Micro Devices M41000000H Datasheet HTML 6Page - Advanced Micro Devices M41000000H Datasheet HTML 7Page - Advanced Micro Devices M41000000H Datasheet HTML 8Page - Advanced Micro Devices M41000000H Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
4
Am41DL6408G
August 19, 2002
P R E L I M INARY
SRAM Write Cycle .................................................................. 56
Figure 30. SRAM Write Cycle—WE# Control ................................. 56
Figure 31. SRAM Write Cycle—CE1#s Control .............................. 57
Figure 32. SRAM Write Cycle—UB#s and LB#s Control ................ 58
Flash Erase And Programming Performance . . . 59
Latchup Characteristics . . . . . . . . . . . . . . . . . . . 59
Package Pin Capacitance . . . . . . . . . . . . . . . . . . 59
Data Retention . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
SRAM Data Retention . . . . . . . . . . . . . . . . . . . . . 60
Figure 33. CE1#s Controlled Data Retention Mode....................... 60
Figure 34. CE2s Controlled Data Retention Mode......................... 60
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 61
FLB073—73-Ball Fine-Pitch Grid Array 8 x 11.6 mm ............. 61
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63