Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41000000G Fiches technique(PDF) 9 Page - Advanced Micro Devices

No de pièce M41000000G
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000000G Fiches technique(HTML) 9 Page - Advanced Micro Devices

Back Button M41000000G Datasheet HTML 5Page - Advanced Micro Devices M41000000G Datasheet HTML 6Page - Advanced Micro Devices M41000000G Datasheet HTML 7Page - Advanced Micro Devices M41000000G Datasheet HTML 8Page - Advanced Micro Devices M41000000G Datasheet HTML 9Page - Advanced Micro Devices M41000000G Datasheet HTML 10Page - Advanced Micro Devices M41000000G Datasheet HTML 11Page - Advanced Micro Devices M41000000G Datasheet HTML 12Page - Advanced Micro Devices M41000000G Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
8
Am41DL6408G
August 19, 2002
P R E L I M INARY
PIN DESCRIPTION
A18–A0
= 19 Address Inputs (Common)
A21–A19, A-1 = 4 Address Inputs (Flash)
SA
= Highest Order Address Pin (SRAM)
Byte mode
DQ15–DQ0
= 16 Data Inputs/Outputs (Common)
CE#f
= Chip Enable (Flash)
CE#s
= Chip Enable (SRAM)
OE#
= Output Enable (Common)
WE#
= Write Enable (Common)
RY/BY#
= Ready/Busy Output
UB#s
= Upper Byte Control (SRAM)
LB#s
= Lower Byte Control (SRAM)
CIOf
= I/O Configuration (Flash)
CIOf = VIH = Word mode (x16),
CIOf = VIL = Byte mode (x8)
CIOs
= I/O Configuration (SRAM)
CIOs = VIH = Word mode (x16),
CIOs = VIL = Byte mode (x8)
RESET#
= Hardware Reset Pin, Active Low
WP#/ACC
= Hardware Write Protect/
Acceleration Pin (Flash)
VCCf
= Flash 3.0 volt-only single power sup-
ply (see Product Selector Guide for
speed options and voltage supply
tolerances)
VCCs
= SRAM Power Supply
VSS
= Device Ground (Common)
NC
= Pin Not Connected Internally
LOGIC SYMBOL
19
16 or 8
DQ15–DQ0
A18–A0
CE#f
OE#
WE#
RESET#
UB#s
RY/BY#
WP#/ACC
SA
A21–A19, A-1
LB#s
CIOf
CIOs
CE1#s
CE2s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63