Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29PL320DB30WPI Fiches technique(PDF) 47 Page - Advanced Micro Devices

No de pièce AM29PL320DB30WPI
Description  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL320DB30WPI Fiches technique(HTML) 47 Page - Advanced Micro Devices

Back Button AM29PL320DB30WPI Datasheet HTML 41Page - Advanced Micro Devices AM29PL320DB30WPI Datasheet HTML 42Page - Advanced Micro Devices AM29PL320DB30WPI Datasheet HTML 43Page - Advanced Micro Devices AM29PL320DB30WPI Datasheet HTML 44Page - Advanced Micro Devices AM29PL320DB30WPI Datasheet HTML 45Page - Advanced Micro Devices AM29PL320DB30WPI Datasheet HTML 46Page - Advanced Micro Devices AM29PL320DB30WPI Datasheet HTML 47Page - Advanced Micro Devices AM29PL320DB30WPI Datasheet HTML 48Page - Advanced Micro Devices AM29PL320DB30WPI Datasheet HTML 49Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
June 13, 2005
Am29PL320D
45
PHYSICAL DIMENSIONS
FBF084—84-Ball Fine Pitch Ball Grid Array (FBGA) 11 x 12 mm
Dwg. Rev. AB-01; 7/00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49