Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29PL320DT25WPI Fiches technique(PDF) 41 Page - Advanced Micro Devices

No de pièce AM29PL320DT25WPI
Description  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL320DT25WPI Fiches technique(HTML) 41 Page - Advanced Micro Devices

Back Button AM29PL320DT25WPI Datasheet HTML 37Page - Advanced Micro Devices AM29PL320DT25WPI Datasheet HTML 38Page - Advanced Micro Devices AM29PL320DT25WPI Datasheet HTML 39Page - Advanced Micro Devices AM29PL320DT25WPI Datasheet HTML 40Page - Advanced Micro Devices AM29PL320DT25WPI Datasheet HTML 41Page - Advanced Micro Devices AM29PL320DT25WPI Datasheet HTML 42Page - Advanced Micro Devices AM29PL320DT25WPI Datasheet HTML 43Page - Advanced Micro Devices AM29PL320DT25WPI Datasheet HTML 44Page - Advanced Micro Devices AM29PL320DT25WPI Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
June 13, 2005
Am29PL320D
39
AC CHARACTERISTICS
Notes:
1. PA = program address, PD = program data, DOUT is the true data at the program address.
2. Illustration shows device in word mode.
Figure 17.
Program Operation Timings
OE#
WE#
CE#
VCC
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tGHWL
tCS
Status
DOUT
Program Command Sequence (last two cycles)
tCH
PA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49