Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29PL320DB90WPI Fiches technique(PDF) 42 Page - Advanced Micro Devices

No de pièce AM29PL320DB90WPI
Description  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL320DB90WPI Fiches technique(HTML) 42 Page - Advanced Micro Devices

Back Button AM29PL320DB90WPI Datasheet HTML 38Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 39Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 40Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 41Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 42Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 43Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 44Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 45Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
40
Am29PL320D
June 13, 2005
AC CHARACTERISTICS
Notes:
1. SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”).
2. Illustration shows device in word mode.
Figure 18.
AC Waveforms for Chip/Sector Erase Operations
Note: VA = Valid address. Illustration shows first status cycle after command sequence, last status read cycle, and array data
read cycle
Figure 19.
Data# Polling Timings (During Embedded Algorithms)
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tGHWL
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
WE#
CE#
OE#
High Z
tOE
High Z
DQ7
DQ6–DQ0
Complement
True
Addresses
VA
tOEH
tCE
tCH
tOH
tDF
VA
VA
Status Data
Complement
Status Data
True
Valid Data
Valid Data
tACC
tRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49