Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29PL320DB70WPI Fiches technique(PDF) 43 Page - Advanced Micro Devices

No de pièce AM29PL320DB70WPI
Description  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL320DB70WPI Fiches technique(HTML) 43 Page - Advanced Micro Devices

Back Button AM29PL320DB70WPI Datasheet HTML 39Page - Advanced Micro Devices AM29PL320DB70WPI Datasheet HTML 40Page - Advanced Micro Devices AM29PL320DB70WPI Datasheet HTML 41Page - Advanced Micro Devices AM29PL320DB70WPI Datasheet HTML 42Page - Advanced Micro Devices AM29PL320DB70WPI Datasheet HTML 43Page - Advanced Micro Devices AM29PL320DB70WPI Datasheet HTML 44Page - Advanced Micro Devices AM29PL320DB70WPI Datasheet HTML 45Page - Advanced Micro Devices AM29PL320DB70WPI Datasheet HTML 46Page - Advanced Micro Devices AM29PL320DB70WPI Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
June 13, 2005
Am29PL320D
41
AC CHARACTERISTICS
Note: VA = Valid address; not required for DQ6. Illustration shows first two status cycle after command sequence, last status read
cycle, and array data read cycle
Figure 20.
Toggle Bit Timings (During Embedded Algorithms)
WE#
CE#
OE#
High Z
tOE
DQ6/DQ2
Addresses
VA
tOEH
tCE
tCH
tOH
tDF
VA
VA
tACC
tRC
Valid Data
Valid Status
Valid Status
(first read)
(second read)
(stops toggling)
Valid Status
VA
Note: The system may use CE# or OE# to toggle DQ2 and DQ6. DQ2 toggles only when read at an address within an
erase-suspended sector.
Figure 21.
DQ2 vs. DQ6 for Erase and
Erase Suspend Operations
Enter
Erase
Erase
Erase
Enter Erase
Suspend Program
Erase Suspend
Read
Erase Suspend
Read
Erase
WE#
DQ6
DQ2
Erase
Complete
Erase
Suspend
Suspend
Program
Resume
Embedded
Erasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49