Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54LP Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce BAT54LP
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54LP Fiches technique(HTML) 2 Page - Diodes Incorporated

  BAT54LP Datasheet HTML 1Page - Diodes Incorporated BAT54LP Datasheet HTML 2Page - Diodes Incorporated BAT54LP Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30504 Rev. 10 - 2
2 of 3
BAT54LP
www.diodes.com
L1
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
(Note 4)
Ordering Information
Marking Information
0
50
100
0
25
50
75
100
125
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
150
200
250
300
Device
Packaging
Shipping
BAT54LP-7
DFN1006-2
3000/Tape & Reel
0.1
1
10
100
1000
0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
R
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T = 125 C
A
°
T= 25 C
A
°
T= -40 C
A
°
T= 0 C
A
°
T= 75 C
A
°
L1 = Product Type Marking Code, Dot Denotes Cathode Side
0.001
0.0001
0.00001
0.01
0.1
10
1
100
0
3
6
9
15
12
18
27
24
21
30
V , REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
T = -65ºC
A
T = 150ºC
A
T = 125ºC
A
T = 85ºC
A
T = 25ºC
A



Html Pages

1 2 3