Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F010B90DTC1 Fiches technique(PDF) 8 Page - Advanced Micro Devices

No de pièce AM29F010B90DTC1
Description  1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010B90DTC1 Fiches technique(HTML) 8 Page - Advanced Micro Devices

Back Button AM29F010B90DTC1 Datasheet HTML 4Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 5Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 6Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 7Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 8Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 9Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 10Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 11Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
6
Am29F010B Known Good Die
SU PP L E ME NT
PACKAGING INFORMATION
Surftape Packaging
Gel-Pak and Waffle Pack Packaging
Direction of Feed
Orientation relative to
leading edge of tape
and reel
AMD logo location
Orientation relative to
top left corner of
Gel-Pak
and Waffle Pack
cavity plate
AMD logo location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14