Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L033C90VF Fiches technique(PDF) 32 Page - Advanced Micro Devices

No de pièce L033C90VF
Description  32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

L033C90VF Fiches technique(HTML) 32 Page - Advanced Micro Devices

Back Button L033C90VF Datasheet HTML 28Page - Advanced Micro Devices L033C90VF Datasheet HTML 29Page - Advanced Micro Devices L033C90VF Datasheet HTML 30Page - Advanced Micro Devices L033C90VF Datasheet HTML 31Page - Advanced Micro Devices L033C90VF Datasheet HTML 32Page - Advanced Micro Devices L033C90VF Datasheet HTML 33Page - Advanced Micro Devices L033C90VF Datasheet HTML 34Page - Advanced Micro Devices L033C90VF Datasheet HTML 35Page - Advanced Micro Devices L033C90VF Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
30
Am29LV033C
22268B5 September 12, 2006
DA TA
SH EET
DC CHARACTERISTICS (Continued)
Zero Power Flash
Note: Addresses are switching at 1 MHz
Figure 9.
I
CC1 Current vs. Time (Showing Active and Automatic Sleep Currents)
25
20
15
10
5
0
0
500
1000
1500
2000
2500
3000
3500
4000
Time in ns
10
8
2
0
1
234
5
Frequency in MHz
Note: T = 25
°C
Figure 10.
Typical I
CC1 vs. Frequency
2.7 V
3.6 V
4
6
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49