Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29DS323D Fiches technique(PDF) 19 Page - Advanced Micro Devices

No de pièce AM29DS323D
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DS323D Fiches technique(HTML) 19 Page - Advanced Micro Devices

Back Button AM29DS323D_06 Datasheet HTML 15Page - Advanced Micro Devices AM29DS323D_06 Datasheet HTML 16Page - Advanced Micro Devices AM29DS323D_06 Datasheet HTML 17Page - Advanced Micro Devices AM29DS323D_06 Datasheet HTML 18Page - Advanced Micro Devices AM29DS323D_06 Datasheet HTML 19Page - Advanced Micro Devices AM29DS323D_06 Datasheet HTML 20Page - Advanced Micro Devices AM29DS323D_06 Datasheet HTML 21Page - Advanced Micro Devices AM29DS323D_06 Datasheet HTML 22Page - Advanced Micro Devices AM29DS323D_06 Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
October 10, 2006 23480A5
Am29DS323D
17
D A TA
SH EE T
Sector/Sector Block Protection and
Unprotection
(Note: For the following discussion, the term “sector”
applies to both sectors and sector blocks. A sector
block consists of two or more adjacent sectors that are
protected or unprotected at the same time (see Tables
8 and 9).
Table 8.
Top Boot Sector/Sector Block Addresses
for Protection/Unprotection
Table 9.
Bottom Boot Sector/Sector Block
Addresses for Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The hard-
ware sector unprotection feature re-enables both
program and erase operations in previously protected
sectors. Sector protection and unprotection can be im-
plemented via two methods.
The primary method requires V
ID on the RESET# pin
only, and can be implemented either in-system or via
programming equipment. Figure 2 shows the algo-
rithms and Figure 25 shows the timing diagram. This
method uses standard microprocessor bus cycle tim-
ing. For sector unprotect, all unprotected sectors must
first be protected prior to the first sector unprotect
write cycle.
Sector
A20–A12
Sector/
Sector Block Size
SA0
000000XXX
64 Kbytes
SA1-SA3
000001XXX,
000010XXX
000010XXX
192 (3x64) Kbytes
SA4-SA7
0001XXXXX
256 (4x64) Kbytes
SA8-SA11
0010XXXXX
256 (4x64) Kbytes
SA12-SA15
0011XXXXX
256 (4x64) Kbytes
SA16-SA19
0100XXXXX
256 (4x64) Kbytes
SA20-SA23
0101XXXXX
256 (4x64) Kbytes
SA24-SA27
0110XXXXX
256 (4x64) Kbytes
SA28-SA31
0111XXXXX
256 (4x64) Kbytes
SA32-SA35
1000XXXXX
256 (4x64) Kbytes
SA36-SA39
1001XXXXX
256 (4x64) Kbytes
SA40-SA43
1010XXXXX
256 (4x64) Kbytes
SA44-SA47
1011XXXXX
256 (4x64) Kbytes
SA48-SA51
1100XXXXX
256 (4x64) Kbytes
SA52-SA55
1101XXXXX
256 (4x64) Kbytes
SA56-SA59
1110XXXXX
256 (4x64) Kbytes
SA60-SA62
111100XXX,
111101XXX,
111110XXX
192 (3x64) Kbytes
SA63
111111000
8 Kbytes
SA64
111111001
8 Kbytes
SA65
111111010
8 Kbytes
SA66
111111011
8 Kbytes
SA67
111111100
8 Kbytes
SA68
111111101
8 Kbytes
SA69
111111110
8 Kbytes
SA70
111111111
8 Kbytes
Sector
A20–A12
Sector/Sector Block
Size
SA70
111111XXX
64 Kbytes
SA69-SA67
111110XXX,
111101XXX,
111100XXX
192 (3x64) Kbytes
SA66-SA63
1110XXXXX
256 (4x64) Kbytes
SA62-SA59
1101XXXXX
256 (4x64) Kbytes
SA58-SA55
1100XXXXX
256 (4x64) Kbytes
SA54-SA51
1011XXXXX
256 (4x64) Kbytes
SA50-SA47
1010XXXXX
256 (4x64) Kbytes
SA46-SA43
1001XXXXX
256 (4x64) Kbytes
SA42-SA39
1000XXXXX
256 (4x64) Kbytes
SA38-SA35
0111XXXXX
256 (4x64) Kbytes
SA34-SA31
0110XXXXX
256 (4x64) Kbytes
SA30-SA27
0101XXXXX
256 (4x64) Kbytes
SA26-SA23
0100XXXXX
256 (4x64) Kbytes
SA22–SA19
0011XXXXX
256 (4x64) Kbytes
SA18-SA15
0010XXXXX
256 (4x64) Kbytes
SA14-SA11
0001XXXXX
256 (4x64) Kbytes
SA10-SA8
000011XXX,
000010XXX,
000001XXX
192 (3x64) Kbytes
SA7
000000111
8 Kbytes
SA6
000000110
8 Kbytes
SA5
000000101
8 Kbytes
SA4
000000100
8 Kbytes
SA3
000000011
8 Kbytes
SA2
000000010
8 Kbytes
SA1
000000001
8 Kbytes
SA0
000000000
8 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56