| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F080B-70SE Fiches technique(PDF) 13 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F080B-70SE Fiches technique(HTML) 13 Page - Advanced Micro Devices |
|
13 / 39 page ![]() November 1, 2006 21503G5 Am29F080B 11 D A TA SH EE T Sector Group Protection/Unprotection The hardware group sector protection feature dis- ables both program and erase operations in any sec- tor group. Each sector group consists of two adjacent sectors. Table 3 shows how the sectors are grouped, and the address range that each sector group con- tains. The hardware sector group unprotection fea- ture re-enables both program and erase operations in previously protected sector groups. Sector group protection/unprotection must be imple- mented using programming equipment. The procedure requires a high voltage (VID) on address pin A9 and the control pins. Details on this method are provided in a supplement, listed in publication number 19945. Con- tact an AMD representative to obtain a copy of the ap- propriate document. The device is shipped with all sectors unprotected. AMD offers the option of programming and protecting sector groups at its factory prior to shipping the device through AMD’s ExpressFlash™ Service. Contact an AMD representative for details. It is possible to determine whether a sector group is protected or unprotected. See “Autoselect Mode” for details. Table 3. Sector Group Addresses Temporary Sector Group Unprotect This feature allows temporary unprotection of previ- ously protected sector groups to change data in-sys- tem. The Sector Group Unprotect mode is activated by setting the RESET# pin to VID. During this mode, formerly protected sector groups can be programmed or erased by selecting the sector group addresses. Once VID is removed from the RESET# pin, all the pre v iou s ly protected sect o r g r oups are protected again. Figure 1 shows the algorithm, and the Temporar y Sector Group Unprotect diagram shows the timing waveforms, for this feature. Figure 1. Temporary Sector Group Unprotect Operation Sector Group A19 A18 A17 Sectors SGA0 0 0 0 SA0 –SA1 SGA1 0 0 1 SA2 –SA3 SGA2 0 1 0 SA4 –SA5 SGA3 0 1 1 SA6 –SA7 SGA4 1 0 0 SA8 –SA9 SGA5 1 0 1 SA10 –SA11 SGA6 1 1 0 SA12 –SA13 SGA7 1 1 1 SA14 –SA15 START Perform Erase or Program Operations RESET# = VIH Temporary Sector Group Unprotect Completed (Note 2) RESET# = VID (Note 1) Notes: 1. All protected sector groups unprotected. 2. All previously protected sector groups are protected once again. |