Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F032B-90SE Fiches technique(PDF) 5 Page - Advanced Micro Devices

No de pièce AM29F032B-90SE
Description  32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F032B-90SE Fiches technique(HTML) 5 Page - Advanced Micro Devices

  AM29F032B-90SE Datasheet HTML 1Page - Advanced Micro Devices AM29F032B-90SE Datasheet HTML 2Page - Advanced Micro Devices AM29F032B-90SE Datasheet HTML 3Page - Advanced Micro Devices AM29F032B-90SE Datasheet HTML 4Page - Advanced Micro Devices AM29F032B-90SE Datasheet HTML 5Page - Advanced Micro Devices AM29F032B-90SE Datasheet HTML 6Page - Advanced Micro Devices AM29F032B-90SE Datasheet HTML 7Page - Advanced Micro Devices AM29F032B-90SE Datasheet HTML 8Page - Advanced Micro Devices AM29F032B-90SE Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
November 2, 2006 21610D5
Am29F032B
3
D A TA
SH EE T
TABLE OF CONTENTS
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 4
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . 5
Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 7
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . 8
Table 1. Am29F032B Device Bus Operations .................................. 8
Requirements for Reading Array Data ..................................... 8
Writing Commands/Command Sequences .............................. 8
Program and Erase Operation Status ...................................... 9
Standby Mode .......................................................................... 9
RESET#: Hardware Reset Pin ................................................. 9
Output Disable Mode................................................................ 9
Table 2. Am29F032B Sector Address Table................................... 10
Autoselect Mode..................................................................... 11
Table 3. Am29F032B Autoselect Codes ......................................... 11
Sector Group Protection/Unprotection.................................... 12
Table 4. Sector Group Addresses................................................... 12
Temporary Sector Group Unprotect ....................................... 12
Figure 1. Temporary Sector Group Unprotect Operation................ 12
Hardware Data Protection ...................................................... 13
Low VCC Write Inhibit ..................................................................... 13
Write Pulse “Glitch” Protection ........................................................ 13
Logical Inhibit .................................................................................. 13
Power-Up Write Inhibit .................................................................... 13
Command Definitions . . . . . . . . . . . . . . . . . . . . . 13
Reading Array Data ................................................................ 13
Reset Command..................................................................... 13
Autoselect Command Sequence ............................................ 14
Byte Program Command Sequence....................................... 14
Chip Erase Command Sequence ........................................... 14
Figure 2. Program Operation .......................................................... 15
Sector Erase Command Sequence ........................................ 15
Erase Suspend/Erase Resume Commands........................... 15
Figure 3. Erase Operation............................................................... 16
Table 5. Am29F032B Command Definitions................................... 17
Write Operation Status . . . . . . . . . . . . . . . . . . . . 18
DQ7: Data# Polling................................................................. 18
Figure 4. Data# Polling Algorithm ................................................... 18
DQ6: Toggle Bit I .................................................................... 19
DQ2: Toggle Bit II ................................................................... 19
Reading Toggle Bits DQ6/DQ2............................................... 19
DQ5: Exceeded Timing Limits ................................................ 20
DQ3: Sector Erase Timer ....................................................... 20
Figure 5. Toggle Bit Algorithm........................................................ 20
Table 6. Write Operation Status..................................................... 21
Absolute Maximum Ratings. . . . . . . . . . . . . . . . . 22
Figure 6. Maximum Negative Overshoot Waveform ...................... 22
Figure 7. Maximum Positive Overshoot Waveform........................ 22
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . . 22
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 23
TTL/NMOS Compatible .......................................................... 23
CMOS Compatible.................................................................. 23
Test Conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 8. Test Setup...................................................................... 24
Table 7. Test Specifications ........................................................... 24
Key To Switching Waveforms . . . . . . . . . . . . . . . 24
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 25
Read-only Operations............................................................. 25
Figure 9. Read Operation Timings ................................................. 25
Hardware Reset (RESET#) .................................................... 26
Figure 10. RESET# Timings .......................................................... 26
Write (Erase/Program) Operations ......................................... 27
Figure 11. Program Operation Timings.......................................... 28
Figure 12. Chip/Sector Erase Operation Timings .......................... 29
Figure 13. Data# Polling Timings (During Embedded Algorithms). 30
Figure 14. Toggle Bit Timings (During Embedded Algorithms)...... 30
Figure 15. DQ2 vs. DQ6................................................................. 31
Temporary Sector Unprotect .................................................. 31
Figure 16. Temporary Sector Group Unprotect Timings ................ 31
Write (Erase/Program) Operations—Alternate CE#
Controlled Writes .................................................................... 32
Figure 17. Alternate CE# Controlled Write Operation Timings ...... 33
Erase And Programming Performance . . . . . . . 34
Latchup Characteristic . . . . . . . . . . . . . . . . . . . . 34
TSOP And SO Pin Capacitance . . . . . . . . . . . . . 34
Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 35
SO 044–44-Pin Small Outline Package.................................. 35
TS 040–40-Pin Standard Thin Small Outline Package........... 36
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39