Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29PL160CB-70REF Fiches technique(PDF) 44 Page - Advanced Micro Devices

No de pièce AM29PL160CB-70REF
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL160CB-70REF Fiches technique(HTML) 44 Page - Advanced Micro Devices

Back Button AM29PL160CB-70REF Datasheet HTML 36Page - Advanced Micro Devices AM29PL160CB-70REF Datasheet HTML 37Page - Advanced Micro Devices AM29PL160CB-70REF Datasheet HTML 38Page - Advanced Micro Devices AM29PL160CB-70REF Datasheet HTML 39Page - Advanced Micro Devices AM29PL160CB-70REF Datasheet HTML 40Page - Advanced Micro Devices AM29PL160CB-70REF Datasheet HTML 41Page - Advanced Micro Devices AM29PL160CB-70REF Datasheet HTML 42Page - Advanced Micro Devices AM29PL160CB-70REF Datasheet HTML 43Page - Advanced Micro Devices AM29PL160CB-70REF Datasheet HTML 44Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
42
Am29PL160C
22143C7 May 9, 2006
D A TA
SH EE T
Revision C7 (May 9, 2006)
Added migration and obsolescence information.
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion will not be liable to
you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor de-
vices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design mea-
sures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products
Trademarks
Copyright © 2004–2006 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44