Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29DL322DB90WDI Fiches technique(PDF) 56 Page - Advanced Micro Devices

No de pièce AM29DL322DB90WDI
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL322DB90WDI Fiches technique(HTML) 56 Page - Advanced Micro Devices

Back Button AM29DL322DB90WDI Datasheet HTML 48Page - Advanced Micro Devices AM29DL322DB90WDI Datasheet HTML 49Page - Advanced Micro Devices AM29DL322DB90WDI Datasheet HTML 50Page - Advanced Micro Devices AM29DL322DB90WDI Datasheet HTML 51Page - Advanced Micro Devices AM29DL322DB90WDI Datasheet HTML 52Page - Advanced Micro Devices AM29DL322DB90WDI Datasheet HTML 53Page - Advanced Micro Devices AM29DL322DB90WDI Datasheet HTML 54Page - Advanced Micro Devices AM29DL322DB90WDI Datasheet HTML 55Page - Advanced Micro Devices AM29DL322DB90WDI Datasheet HTML 56Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 56 page
background image
December 13, 2005
Am29DL322D/323D/324D
55
AC Characteristics
Read-only Operations: Changed t
DF specification to 16
ns.
Word/Byte Configuration: Changed t
FLQZ specification
to 16 ns.
Revision D+5 (May 8, 2001)
Global
Removed Preliminary status from data sheet.
SecSi
TM (Secured Silicon) Sector Flash
Memory Region
Noted changes for upcoming versions of these de-
vices: reduced SecSi Sector size, different ESN
location for top boot devices, and deletion of SecSi
Sector erase functionality. Current versions of these
devices remain unaffected.
Revision D+6 (June 10, 2003)
Unlock Bypass Command Sequence; Command
Definitions table
Text and table now state that addresses are don’t care
for the unlock bypass command sequence (that is, a
bank address is not required as previously stated).
Revision D+7 (October 7, 2004)
Cover sheet and title page
Added notation to superseding documents.
Revision D+8 (December 13, 2005)
Clarified product availability in notation to superseding
documents.
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion will not be liable to
you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor de-
vices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design mea-
sures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products.
Trademarks
Copyright © 2004-2005 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56