| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV640D Fiches technique(PDF) 34 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV640D Fiches technique(HTML) 34 Page - Advanced Micro Devices |
|
34 / 57 page ![]() 32 Am29LV640D/Am29LV641D 22366C6 January 22, 2007 D A TA SH EET Table 11. Write Operation Status Notes: 1. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. Refer to the section on DQ5 for more information. 2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details. 3. RY/BY# is only available on the FBGA package. Status DQ7 (Note 2)DQ6 DQ5 (Note 1)DQ3 DQ2 (Note 2) RY/BY# (Note 3) Standard Mode Embedded Program Algorithm DQ7# Toggle 0 N/A No toggle 0 Embedded Erase Algorithm 0 Toggle 0 1 Toggle 0 Erase Suspend Mode Erase-Suspend- Read Erase Suspended Sector 1 No toggle 0 N/A Toggle 1 Non-Erase Suspended Sector Data Data Data Data Data 1 Erase-Suspend-Program DQ7# Toggle 0 N/A N/A 0 |