Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F032B-75SD Fiches technique(PDF) 8 Page - Advanced Micro Devices

No de pièce AM29F032B-75SD
Description  32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F032B-75SD Fiches technique(HTML) 8 Page - Advanced Micro Devices

Back Button AM29F032B-75SD Datasheet HTML 4Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 5Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 6Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 7Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 8Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 9Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 10Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 11Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
6
Am29F032B
21610D5 November 2, 2006
D A TA
SH EE T
PIN CONFIGURATION
A0–A21
=
22 Addresses
DQ0–DQ7 =
8 Data Inputs/Outputs
CE#
=
Chip Enable
WE#
=
Write Enable
OE#
=
Output Enable
RESET#
=
Hardware Reset Pin, Active Low
RY/BY#
=
Ready/Busy Output
VCC
=
+5.0 V single power supply
(see Product Selector Guide for
device speed ratings and voltage
supply tolerances)
VSS
=
Device Ground
NC
=
Pin Not Connected Internally
LOGIC SYMBOL
22
8
DQ0–DQ7
A0–A21
CE#
OE#
WE#
RESET#
RY/BY#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39